Electronic Components Datasheet Search
  English  ▼

X  

MIC3002BML Datasheet(PDF) 41 Page - Micrel Semiconductor

Part # MIC3002BML
Description  FOM Management IC with Internal Calibration
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3002BML Datasheet(HTML) 41 Page - Micrel Semiconductor

Back Button MIC3002BML Datasheet HTML 37Page - Micrel Semiconductor MIC3002BML Datasheet HTML 38Page - Micrel Semiconductor MIC3002BML Datasheet HTML 39Page - Micrel Semiconductor MIC3002BML Datasheet HTML 40Page - Micrel Semiconductor MIC3002BML Datasheet HTML 41Page - Micrel Semiconductor MIC3002BML Datasheet HTML 42Page - Micrel Semiconductor MIC3002BML Datasheet HTML 43Page - Micrel Semiconductor MIC3002BML Datasheet HTML 44Page - Micrel Semiconductor MIC3002BML Datasheet HTML 45Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 65 page
background image
Micrel, Inc.
MIC3002
July 2007
41
M9999-073107-B
hbwhelp@micrel.com or (408) 955-1690
Voltage Low Alarm Threshold
D[7]
read/write
D[6]
read/write
D[5]
read/write
D[4]
read/write
D[3]
read/write
D[2]
read/write
D[1]
read/write
D[0]
read/write
Default Value
0000 0000b = 00h (0V)
Serial Address
A2h
Bytes Address
MSB (VMINh): 10 = 0Ah
LSB (VMINl): 11 = 0Bh
Each LSB of VMINh represents 25.6mV and each LSB of VMINl represents 0.1mV. The sixteen bits threshold value
(VMINh;VMINl) is compared bit to bit to the sixteen bits value of the voltage reading (VINh;VINl). Alarm bit Ax is set if Reading
< Threshold.
Bias Current High Alarm Threshold
D[7]
read/write
D[6]
read/write
D[5]
read/write
D[4]
read/write
D[3]
read/write
D[2]
read/write
D[1]
read/write
D[0]
read/write
Default Value
0000 0000b = 00h (0mA)
Serial Address
A2h
Bytes Address
MSB (IMAXh): 16 = 10h
LSB (IMAXl): 17 = 11h
Each LSB of IMAXh represents 512
µA and each LSB of IMAXl represents 2µA. The sixteen bits threshold value (IMAXh;IMAXl)
is compared, bit to bit, to the sixteen bits value of the bias current reading (ILDh:ILDl). Alarm bit Ax is set if Reading >
Threshold.
Bias Current Low Alarm Threshold
D[7]
read/write
D[6]
read/write
D[5]
read/write
D[4]
read/write
D[3]
read/write
D[2]
read/write
D[1]
read/write
D[0]
read/write
Default Value
0000 0000b = 00h (0mA)
Serial Address
A2h
Byte Address
MSB (IMINh): 18 = 12h
LSB (IMINl): 19 = 13h
Each LSB of IMINh represents 512
µA and each LSB of IMINl represents 2µA. The sixteen bits threshold value (IMINh;IMINl) is
compared, bit to bit, to the sixteen bits value of the bias current reading (ILDh:ILDl). Alarm bit Ax is set if Reading < Threshold.
TX Optical Power High Alarm
D[7]
read/write
D[6]
read/write
D[5]
read/write
D[4]
read/write
D[3]
read/write
D[2]
read/write
D[1]
read/write
D[0]
read/write
Default Value
0000 0000b = 00h (0mW)
Serial Address
A2h
Byte Address
MSB (TXMAXh): 24 = 18h
LSB (TXMAXl): 25 = 19h 24 = 18h
Each LSB of TXMAXh represents 25.6
µW. This register is to be used in conjunction with TXMAXl to yield a sixteen-bit value.
The values in TXMAXh:TXMAXl are in an unsigned binary format. The value in this register is uncalibrated. The sixteen bits
threshold value (TXMAXh;TXMAXl) is compared, bit to bit, to the sixteen bits value of the TX power reading (TXOPh:TXOPl).
Alarm bit Ax is set if Reading > Threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com