Electronic Components Datasheet Search
  English  ▼

X  

MIC3002BML Datasheet(PDF) 32 Page - Micrel Semiconductor

Part # MIC3002BML
Description  FOM Management IC with Internal Calibration
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3002BML Datasheet(HTML) 32 Page - Micrel Semiconductor

Back Button MIC3002BML Datasheet HTML 28Page - Micrel Semiconductor MIC3002BML Datasheet HTML 29Page - Micrel Semiconductor MIC3002BML Datasheet HTML 30Page - Micrel Semiconductor MIC3002BML Datasheet HTML 31Page - Micrel Semiconductor MIC3002BML Datasheet HTML 32Page - Micrel Semiconductor MIC3002BML Datasheet HTML 33Page - Micrel Semiconductor MIC3002BML Datasheet HTML 34Page - Micrel Semiconductor MIC3002BML Datasheet HTML 35Page - Micrel Semiconductor MIC3002BML Datasheet HTML 36Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 65 page
background image
Micrel, Inc.
MIC3002
July 2007
32
M9999-073107-B
hbwhelp@micrel.com or (408) 955-1690
The internal state machine calculates a new table index
each time a new average temperature value becomes
available. This table index is derived from the average
temperature value. The table index is then converted into
a table address for each of the four look-up tables. These
operations can be expressed as:
(12)
where TAVG(n) is the current average temperature; and
TABLE_ADDRESS=INDEX+BASE_ADDRES
where BASE_ADDRESS is the physical base address of
each table, i.e., 00h, 40h, 80h, or C0h (tables reside in the
I2CADR+4h and I2CADR+6h pages of memory).
At any given time, the current table index can be read in
the LUTINDX register.
Alarms and Warning Flags
There are 20 different conditions that will cause the
MIC3002 to set one of the bits in the WARNx or ALARMx
registers. These conditions are listed in Table 22. The
less critical of these events generate warning flags by
setting a bit in WARN0 or WARN1. The more critical
events cause bits to be set in ALARM0 or ALARM1.
An event occurs when any alarm or warning condition
becomes true. Each event causes its corresponding
status bit in ALARM0, ALARM1, WARN0, or WARN1 to
be set. This action cannot be masked by the host. The
status bit will remain set until the host reads that
particular status register, a power on-off cycle occurs, or
the host toggles TXDISABLE.
If TXDISABLE is asserted at any time during normal
operation, A/D conversions continue. The A/D results for
all parameters will continue to be reported. All events will
be reported in the normal way. If they have not already
been individually cleared by read operations, when
TXDISABLE is de-asserted, all status registers will be
cleared.
Control and Status I/O
The logic for the transceiver control and status I/O is shown
schematically in Figure 13. Note that the internal drivers on
RXLOS, RATE_SELECT, and TXFAULT are all open-drain.
These signals may be driven either by the internal logic or
external drivers connected to the corresponding MIC3002
pins. In any case, the signal level appearing at the pins of
the MIC3002 will be reported in the control register status
bits.
Note
that
the
control
bits
for
TX_DISABLE
and
RATE_SELECT and the status bits for TXFAULT and
RXLOS do not meet the timing requirements as specified in
the SFP MSA or the GBIC Specification, revision 5.5 (SFF-
8053) for the hardware signals. The speed of the serial
interface limits the rate at which these functions can be
manipulated and/or reported. The response time for the
control
and
status
bits
is
given
in
the
“Electrical
Characteristics” subsection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com