Electronic Components Datasheet Search
  English  ▼

X  

MIC2810 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2810
Description  Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2810 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2810 Datasheet HTML 1Page - Micrel Semiconductor MIC2810 Datasheet HTML 2Page - Micrel Semiconductor MIC2810 Datasheet HTML 3Page - Micrel Semiconductor MIC2810 Datasheet HTML 4Page - Micrel Semiconductor MIC2810 Datasheet HTML 5Page - Micrel Semiconductor MIC2810 Datasheet HTML 6Page - Micrel Semiconductor MIC2810 Datasheet HTML 7Page - Micrel Semiconductor MIC2810 Datasheet HTML 8Page - Micrel Semiconductor MIC2810 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Micrel, Inc.
MIC2810
February 2008
5
M9999-022008-C
Electrical Characteristics - DC/DC Converter
VIN = VOUTDC/DC + 1; EN = VIN; EN2 = EN1 = GND; IOUTDC/DC = 100mA ;L = 2.2µH; COUTDC/DC = 2.2µF; TJ = 25°C,
bold values indicate –40°C to + 125°C; unless noted.
Parameter
Conditions
Min
Typ
Max
Units
LOWQ = High (Full Power Mode)
Fixed Output Voltages
Nominal VOUT tolerance
–2
–3
+2
+3
%
%
Output Voltage Line Regulation
VOUT > 2.4V; VIN = VOUT + 300mV to 5.5V, ILOAD= 100mA
VOUT < 2.4V; VIN = 2.7V to 5.5V, ILOAD= 100mA
0.2
%/V
Output Voltage Load Regulation
20mA < ILOAD < 600mA
0.1
%
Maximum Duty Cycle
VFB ≤ 0.4V
100
%
PWM Switch ON-Resistance
ISW = 150mA VFB = 0.7VFB_NOM PMOS
ISW = -150mA VFB = 1.1VFB_NOM NMOS
0.5
0.6
Ω
Ω
Oscillator Frequency
1.8
2
2.2
MHz
Current Limit in PWM Mode
VFB = 0.9*VNOM
0.75
1
1.6
A
LOWQ = Low (Light Load Mode)
Variation from nominal VOUT
–2
+2
%
Output Voltage Accuracy
Variation from nominal VOUT; –40°C to +125°C
–3
+3
%
Line Regulation
VIN = VOUT + 1V to 5.5V; IOUT = 100µA
0.02
0.3
0.6
%/V
%/V
Load Regulation
IOUT = 100µA to 50mA
0.4
1.5
%
Ripple Rejection
f = up to 1kHz
45
dB
Current Limit
VOUT = 0V
80
120
220
mA
Output Voltage Noise
10Hz to 100KHz
53
µVRMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com