Electronic Components Datasheet Search
  English  ▼

X  

MIC2810 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2810
Description  Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2810 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2810 Datasheet HTML 1Page - Micrel Semiconductor MIC2810 Datasheet HTML 2Page - Micrel Semiconductor MIC2810 Datasheet HTML 3Page - Micrel Semiconductor MIC2810 Datasheet HTML 4Page - Micrel Semiconductor MIC2810 Datasheet HTML 5Page - Micrel Semiconductor MIC2810 Datasheet HTML 6Page - Micrel Semiconductor MIC2810 Datasheet HTML 7Page - Micrel Semiconductor MIC2810 Datasheet HTML 8Page - Micrel Semiconductor MIC2810 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Micrel, Inc.
MIC2810
February 2008
4
M9999-022008-C
Absolute Maximum Ratings(1)
Supply Voltage (VIN, VIN1, VIN2)............................... 0V to 6V
Enable Input Voltage (VEN, VEN1, VEN2)................... 0V to VIN
Power Dissipation .................................. Internally Limited
(3)
Lead Temperature (soldering, 10 sec.)...................... 260°C
Storage Temperature (Ts) .........................–65°C to +150°C
ESD Rating
(4).................................................................. 2kV
Operating Ratings(2)
Supply Voltage (VIN, VIN2)................................. 2.7V to 5.5V
Supply Voltage (VIN1)...................................... 1.65V to 5.5V
Enable Input Voltage (VEN, VEN1, VEN2)................... 0V to VIN
Junction Temperature (TJ) ........................–40°C to +125°C
Junction Thermal Resistance
MLF-16 (θJA) ......................................................56°C/W
Electrical Characteristics(5)
VIN = VIN1 = VIN2 = EN1 = EN2 = EN = /LOWQ = VOUT
(6) + 1V; C
OUTDC/DC = 2.2µF, CLDO1 = CLDO2 = 2.2µF; IOUTDC/DC = 100mA;
IOUTLDO1 = IOUTLDO2 = 100µA; TJ = 25°C, bold values indicate –40°C < TJ < +125°C; unless noted.
Parameter
Conditions
Min
Typ
Max
Units
UVLO Threshold
Rising input voltage during turn-on
2.45
2.55
2.65
V
UVLO Hysteresis
100
mV
Ground Pin Current
VFB = GND (not switching);
LDO1 or LDO2 (EN = GND; EN1 or EN2 = GND)
800
55
1100
85
95
µA
µA
µA
Ground Pin Current in
Shutdown
EN = EN1 = EN2 = 0V
0.2
5
µA
Ground Pin Current
(LOWQ
® mode)
IDC/DC < ILDO1 < ILDO2 < 10mA (/LOWQ = GND)
LDO1 or LDO2 (EN = GND; EN1 or EN2 = GND);
IOUT < 10mA (/LOWQ = GND)
38
20
60
80
70
µA
µA
µA
Over-temperature Shutdown
160
°C
Over-temperature Shutdown
Hysteresis
23
°C
Enable Inputs (EN; EN1; EN2; /LOWQ )
Logic Low
0.2
V
Enable Input Voltage
Logic High
1.0
V
VIL < 0.2V
0.1
1
µA
Enable Input Current
VIH > 1.0V
0.1
1
µA
Turn-on Time
Turn-on Time
(LDO1 and LDO2)
240
500
µs
Turn-on Time (DC/DC)
(/LOWQ = VIN; ILOAD = 300mA); (/LOWQ = GND; ILOAD =
10mA)
83
350
µs
POR Output
Low Threshold, % of nominal (VDC/DC or VLDO1 or VLDO2) (Flag
ON)
90
91
%
VTH
High Threshold, % of nominal (VDC/DC AND VLDO1 AND
VLDO2) (Flag OFF)
96
99
%
VOL
POR Output Logic Low Voltage; IL = 250µA
10
100
mV
IPOR
Flag Leakage Current, Flag OFF
0.01
1
µA
SET INPUT
SET Pin Current Source
VSET = 0V
0.75
1.25
1.75
µA
SET Pin Threshold Voltage
POR = High
1.25
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com