Electronic Components Datasheet Search
  English  ▼

X  

MIC2810 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2810
Description  Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2810 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2810 Datasheet HTML 1Page - Micrel Semiconductor MIC2810 Datasheet HTML 2Page - Micrel Semiconductor MIC2810 Datasheet HTML 3Page - Micrel Semiconductor MIC2810 Datasheet HTML 4Page - Micrel Semiconductor MIC2810 Datasheet HTML 5Page - Micrel Semiconductor MIC2810 Datasheet HTML 6Page - Micrel Semiconductor MIC2810 Datasheet HTML 7Page - Micrel Semiconductor MIC2810 Datasheet HTML 8Page - Micrel Semiconductor MIC2810 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MIC2810
Digital Power Management IC
2MHz, 600mA DC/DC w/Dual
300mA/300mA Low VIN LDOs
LOWQ
is a registered trademark of Micrel, Inc.
MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
February 2008
M9999-022008-C
General Description
The MIC2810 is a high performance power management
IC, integrating a 2MHz DC/DC switcher with two 300mA
LDOs. The MIC2810 features a LOWQ
® mode, reducing
the total current draw while in this mode to less than 30µA.
In LOWQ
® mode, the output noise of the DC/DC converter
is 53µVRMS, significantly lower than other converters that
use a PFM light load mode that can interfere with sensitive
RF circuitry.
The MIC2810 is a µCap design, operating with very small
ceramic output capacitors and inductors for stability,
therefore, reducing required board space and component
cost. It is available with fixed output voltages in a 16-pin
3mm x 3mm MLF
® leadless package.
Data sheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• 2MHz DC/DC converter and two LDOs
• Integrated power-on reset (OR function for all outputs)
– Adjustable delay time
• LOWQ® mode
– 30µA Total IQ when in LOWQ
® mode
• Tiny 16-pin 3mm x 3mm MLF® package
• Thermal shutdown protection
• Current limit protection
DC/DC Converter
• 2.7V to 5.5V input voltage range
• Output current to 600mA in PWM mode
• LOWQ® Mode: NO NOISE light load mode
– 53µVRMS Output noise in LOWQ
® mode
• 2MHz PWM operation in normal mode
LDOs
• LDO1
– 1.65V to 5.5V input voltage range
– 300mA Output current
– Output voltage down to 0.8V
• LDO2
– 2.7V to 5.5V input voltage range
– 300mA Output current
– Output voltage down to 0.8V
Applications
• Mobile phones
• PDAs
• GPS receivers
• Digital still cameras
• Portable media players
Typical Application
LDO
VIN
VIN1
SW
LDO1
LDO2
POR
CSET
LOWQ
EN2
BIAS
EN1
MIC2810-xxxYML
Baseband
Memory/DSP
PGND
SGND
VIN
2.7V to 5.5V
4.7µF
2.2µF
ceramic
2.2µF
ceramic
0.01µF
0.1µF
2.2µF
VOUT
2.2µH
GND
GND
EN
VIN2
10
20
30
40
50
60
70
80
90
0
100 200 300 400 500 600
OUTPUT CURRENT (mA)
1.2VOUT Efficiency
VIN=3.6V
VIN=3V
VIN=4.2V


Similar Part No. - MIC2810

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2810 MICREL-MIC2810 Datasheet
508Kb / 18P
Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
logo
Microchip Technology
MIC2810 MICROCHIP-MIC2810 Datasheet
2Mb / 26P
Digital Power Management IC 2 MHz, 600 mA DC/DC with Dual 300 mA/300 mA Low VIN LDOs
09/14/21
MIC2810-44MYML-TR MICROCHIP-MIC2810-44MYML-TR Datasheet
2Mb / 26P
Digital Power Management IC 2 MHz, 600 mA DC/DC with Dual 300 mA/300 mA Low VIN LDOs
09/14/21
MIC2810-4GMYML-TR MICROCHIP-MIC2810-4GMYML-TR Datasheet
2Mb / 26P
Digital Power Management IC 2 MHz, 600 mA DC/DC with Dual 300 mA/300 mA Low VIN LDOs
09/14/21
MIC2810-4GSYML-TR MICROCHIP-MIC2810-4GSYML-TR Datasheet
2Mb / 26P
Digital Power Management IC 2 MHz, 600 mA DC/DC with Dual 300 mA/300 mA Low VIN LDOs
09/14/21
More results

Similar Description - MIC2810

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2800 MICREL-MIC2800 Datasheet
638Kb / 21P
Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
MIC2810 MICREL-MIC2810 Datasheet
508Kb / 18P
Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
MIC2807 MICREL-MIC2807 Datasheet
430Kb / 17P
RF PA Power Management IC 2MHz, 600mA DC/DC w/DAC Input and Bypass Switch, Dual Low Noise 200mA/30mA LDO Regulators
logo
Fairchild Semiconductor
FAN2564 FAIRCHILD-FAN2564 Datasheet
583Kb / 13P
300mA Low VIN LDO for Digital Applications
logo
Micrel Semiconductor
MIC2808 MICREL-MIC2808 Datasheet
482Kb / 18P
RF PA Power Management IC 2MHz, 600mA DC/DC w/DAC Input and Bypass Switch, Dual Low Noise 200mA/30mA LDO Regulators
logo
Fairchild Semiconductor
FAN2564 FAIRCHILD-FAN2564_11 Datasheet
510Kb / 13P
300mA Low VIN LDO for Digital Applications
logo
Micrel Semiconductor
MIC2811 MICREL-MIC2811_08 Datasheet
465Kb / 17P
Digital Power Management IC 2MHz, 600mA DC/DC with Triple 300mA LDOs
MIC2807 MICREL-MIC2807_08 Datasheet
437Kb / 18P
RF PA Power Management IC 2MHz, 600mA DC/DC w/DAC Input and Bypass Switch, Dual Low Noise
MIC2800 MICREL-MIC2800_07 Datasheet
511Kb / 20P
Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
logo
Microchip Technology
MIC2810 MICROCHIP-MIC2810 Datasheet
2Mb / 26P
Digital Power Management IC 2 MHz, 600 mA DC/DC with Dual 300 mA/300 mA Low VIN LDOs
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com