Electronic Components Datasheet Search
  English  ▼

X  

MIC2551 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2551
Description  USB Transceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2551 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2551 Datasheet HTML 1Page - Micrel Semiconductor MIC2551 Datasheet HTML 2Page - Micrel Semiconductor MIC2551 Datasheet HTML 3Page - Micrel Semiconductor MIC2551 Datasheet HTML 4Page - Micrel Semiconductor MIC2551 Datasheet HTML 5Page - Micrel Semiconductor MIC2551 Datasheet HTML 6Page - Micrel Semiconductor MIC2551 Datasheet HTML 7Page - Micrel Semiconductor MIC2551 Datasheet HTML 8Page - Micrel Semiconductor MIC2551 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
November 2008
5
M9999-112008
MIC2551
Micrel, Inc.
DC Electrical Characteristics (Transceiver) (Note 7)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Leakage Current
I
LO
Hi-Z State Data Line Leakage
0V < V
IN < 3.3V, SUS = 1
–10
10
µA
(Suspend Mode)
Input Levels
V
DI
Differential Input Sensitivity
|(D+) – (D–)|
0.2
V
V
CM
Differential Common Mode Range
Includes V
DI range
0.8
2.5
V
V
SE
Single Ended Receiver Threshold
0.8
2.0
V
Receiver Hysteresis
200
mV
Output Levels
V
OL
Static Output Low
R
L = 1.5kΩ to 3.6V
0.3
V
V
OH
Static Output High
R
L = 15kΩ to GND
2.8
3.6
V
Capacitance
C
IN
Transceiver Capacitance
Pin to GND
10
pF
Z
DRV
Driver Output Resistance
Steady state drive
8
16
24
Ω
AC Electrical Characteristics (Notes 6, 7)
Driver Characteristics (Low Speed)
T
R
Transition Rise Time
C
L = 50pF, Figure 2
75
ns
C
L = 600pF
300
T
F
Transition Fall Time
C
L = 50pF, Figure 2
75
ns
C
L = 600pF
300
T
R, TF
Rise/Fall Time Matching
(T
R, TF)80
125
%
V
CRS
Output Signal Crossover Voltage
1.3
2.0
V
Driver Characteristics (Full Speed)
T
R
Transition Rise Time
C
L = 50pF, Figure 2
4
20
ns
T
F
Transition Fall Time
C
L = 50pF, Figure 2
4
20
ns
T
R, TF
Rise/Fall Time Matching
(T
R, TF)90
111.11
%
V
CRS
Output Signal Crossover Voltage
1.3
2.0
V
Transceiver Timing
t
PVZ
OE# to RCVR Tri-State Delay
Figure 1
15
ns
t
PZD
Receiver Tri-State to Transmit Delay
Figure 1
15
ns
t
PDZ
OE# to DRVR Tri-State Delay
Figure 1
15
ns
t
PZV
Driver Tri-State to Receive Delay
Figure 1
15
ns
t
PLH
VP, VM to D+, D– Propagation Delay
Figure 4
15
ns
t
PHL
t
PLH
D+, D– to RCV Propagation Delay
Figure 3
15
ns
t
PHL
t
PLH
D+, D– to V
P, VM Propagation Delay
Figure 3
8
ns
t
PHL
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
Note 4.
Specification applies to the following pins: SUS, SPD, RCV, CON, RCV, VP, VM, OE#.
Note 5.
Characterized specification(s), but not production tested.
Note 6.
All AC parameters guaranteed by design but not production tested.
Note 7.
Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com