Electronic Components Datasheet Search
  English  ▼

X  

MIC2551 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2551
Description  USB Transceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2551 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2551 Datasheet HTML 1Page - Micrel Semiconductor MIC2551 Datasheet HTML 2Page - Micrel Semiconductor MIC2551 Datasheet HTML 3Page - Micrel Semiconductor MIC2551 Datasheet HTML 4Page - Micrel Semiconductor MIC2551 Datasheet HTML 5Page - Micrel Semiconductor MIC2551 Datasheet HTML 6Page - Micrel Semiconductor MIC2551 Datasheet HTML 7Page - Micrel Semiconductor MIC2551 Datasheet HTML 8Page - Micrel Semiconductor MIC2551 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MIC2551
Micrel, Inc.
M9999-112008
4
November 2008
Absolute Maximum Ratings (Note 1)
Supply Voltage (V
BUS) ................................................. 6.5V
All Other Inputs ............................................. –0.5V to 5.5V
Ambient Storage Temperature ................. –65°C to +150°C
Output Current (D+, D–) .......................................... ± 50mA
Output Current (all others) ....................................... ±15mA
Input Current ............................................................ ±50mA
ESD, Note 3
V
BUS, D+, D– ........................................................ ±11KV
All other pins .......................................................... ±2KV
Operating Ratings (Note 2)
Ambient Operating Temperature ................ –40°C to +85°C
Package Thermal Resistance
TSSOP (θJA) ..................................................... 100°C/W
MLF® (θJA) .......................................................... 59°C/W
DC Electrical Characteristics (System and USB Interface) (Note 7)
V
IF = 3.6V, VBUS = 5V unless otherwise noted; TA = 25°C. Bold indicates specifications over temperature, –40°C to 85°C.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
BUS
USB Supply Voltage
4.0
5.25
V
V
IF
System I/F Supply Voltage
1.6
3.6
V
V
IL
LOW-Level Input Voltage, Note 4
V
IF–0.3
0.15V
IF
V
V
IH
HIGH-Level Input Voltage, Note 4
0.85V
IF
V
IF+0.3
V
V
OH
HIGH-Level Output Voltage, Note 4
I
OH = 20µA
0.9V
IF
V
V
OL
LOW-Level Output Voltage, Note 4
I
OL = 20µA
0.1
V
I
IL
Input Leakage Current, Note 4
–5
5
µA
Symbol
Parameter
Conditions
Min
Typ
Max
Units
SPD
SUS
OE#
Voltage
Load
101
1
5
µA
100
1
5
µA
001
1
5
µA
I
IF
VIF Supply Current
0
0
0
VBUS = 5.25V
1
5
µA
010
VIF = 3.6V
1
5
µA
100
f = 6MHz CLOAD
325
650
µA
= 50 pF, Note 7
f = 750kHz
000
CLOAD = 600 pF
40
75
µA
Note 7
101
800
1100
µA
100
3000
5000
µA
001
230
350
µA
000
400
700
µA
I
VBUS
VBUS Supply Current
0
1
0
VBUS = 5.25V
130
200
µA
100
VIF = 3.6V
f = 6MHz CLOAD
7.3
10
mA
= 50 pF, Note 7
f = 750kHz
000
CLOAD = 600 pF
3.6
5
mA
Note 7
I
VPULEAK
VPU Leakage Current
CON = 1, V
PU = 0V
–5
5
µA
I
VIFLEAK
VIF Leakage Current
V
IF = 3.6V, VBUS = 0V
–5
5
µA
V
PU
Pull-Up Output Voltage
I
TERM = 200µA, VBUS = 4.0 to 5.25V
3.0
3.3
3.6
V
R
SW
Internal Pull-Up Termination
I
TERM = 10mA, VBUS = 4.0 to 5.25V
10
Ω
ESD Protection
IEC-1000-4-2
Air Discharge
10 pulses
±8kV
(D+, D–,
Contact Discharge
10 pulses
±9kV
V
BUS only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com