Electronic Components Datasheet Search
  English  ▼

X  

MIC2551 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2551
Description  USB Transceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2551 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2551 Datasheet HTML 1Page - Micrel Semiconductor MIC2551 Datasheet HTML 2Page - Micrel Semiconductor MIC2551 Datasheet HTML 3Page - Micrel Semiconductor MIC2551 Datasheet HTML 4Page - Micrel Semiconductor MIC2551 Datasheet HTML 5Page - Micrel Semiconductor MIC2551 Datasheet HTML 6Page - Micrel Semiconductor MIC2551 Datasheet HTML 7Page - Micrel Semiconductor MIC2551 Datasheet HTML 8Page - Micrel Semiconductor MIC2551 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
November 2008
1
M9999-112008
MIC2551
Micrel, Inc.
MIC2551
USB Transceiver
General Description
The MIC2551 is a single chip transceiver that complies with
the physical layer specifications of the Universal Serial Bus
(USB) 2.0. It supports both full speed (12Mbps) and low
speed (1.5Mbps) operation. It is also designed to operate
down to 1.6V in order to be compatible with lower system
voltages of most mobile systems.
Typical Application
System
Supply Voltage
USB SIE
Controller
VIF
OE#
RCV
VP
VM
D–
D+
VBUS
VTRM
GND
D–
D+
USB
Port
41206ESDA SurgX
GND
GPIO
MIC2551A
SPD
1.0µF (min)
10µF (max)
(See “Applications Information”
for additional suppliers.)
VCC
SUS
VPU
RS
20Ω/±1%
RS
20Ω/±1%
VBUS
1.5k
1µF
CON
Typical Application Circuit
Features
• Compliant to USB Specification Revision 2.0 for full
speed (12Mbs) and low speed (1.5Mbps) operation
• Compliant to IEC-61000-4.2 (Level 3)
• Separate I/O supply with operation down to 1.6V
•Integrated speed select termination supply
• Very-low power consumption to meet USB suspend-
current requirements
• Small TSSOP and MLF® packages
• No power supply sequencing requirements
• Software controlled re-enumeration
Applications
• PDAs
• Palmtops
• Cell phones
Micrel, Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
MicroLeadFrame and MLF are registered trademarks of Amkor Technology.
SurgX is a registered trademark of Cooper Electronics Technologies.
Ordering Information
Part Number
Standard
Pb-Free
Package
MIC2551BTS
MIC2551YTS
14-Pin TSSOP
MIC2551BML
MIC2551YML
16-Pin MLF®


Similar Part No. - MIC2551

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2551 MICREL-MIC2551 Datasheet
79Kb / 11P
USB TRANSCEIVER
MIC2551 MICREL-MIC2551 Datasheet
67Kb / 10P
USB Transceiver
MIC2551A MICREL-MIC2551A Datasheet
79Kb / 11P
USB TRANSCEIVER
MIC2551A MICREL-MIC2551A Datasheet
96Kb / 11P
USB Transceiver
MIC2551A-2.5 MICREL-MIC2551A-2.5 Datasheet
656Kb / 10P
USB Transceiver
More results

Similar Description - MIC2551

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4170 AKM-AK4170 Datasheet
82Kb / 10P
USB TRANSCEIVER
logo
Micrel Semiconductor
MIC2551A MICREL-MIC2551A Datasheet
79Kb / 11P
USB TRANSCEIVER
logo
STMicroelectronics
STUSB02E STMICROELECTRONICS-STUSB02E Datasheet
480Kb / 20P
USB Transceiver
19-Oct-2005
logo
Micrel Semiconductor
MIC2555 MICREL-MIC2555 Datasheet
306Kb / 29P
USB - OTG Transceiver
logo
STMicroelectronics
STUSB03E STMICROELECTRONICS-STUSB03E Datasheet
470Kb / 20P
USB Transceiver
14-Mar-2007
logo
Micrel Semiconductor
MIC2551A-2.5 MICREL-MIC2551A-2.5 Datasheet
656Kb / 10P
USB Transceiver
MIC2551 MICREL-MIC2551 Datasheet
67Kb / 10P
USB Transceiver
logo
STMicroelectronics
STUSB02E STMICROELECTRONICS-STUSB02E_07 Datasheet
363Kb / 20P
USB Transceiver
14-Mar-2007
logo
Micrel Semiconductor
MIC2551A MICREL-MIC2551A_11 Datasheet
96Kb / 11P
USB Transceiver
MIC2551A-2.5 MICREL-MIC2551A-2.5_10 Datasheet
498Kb / 10P
USB Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com