Electronic Components Datasheet Search
  English  ▼

X  

DS3232M Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS3232M
Description  ±5ppm, I2C Real-Time Clock with SRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3232M Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS3232M Datasheet HTML 3Page - Maxim Integrated Products DS3232M Datasheet HTML 4Page - Maxim Integrated Products DS3232M Datasheet HTML 5Page - Maxim Integrated Products DS3232M Datasheet HTML 6Page - Maxim Integrated Products DS3232M Datasheet HTML 7Page - Maxim Integrated Products DS3232M Datasheet HTML 8Page - Maxim Integrated Products DS3232M Datasheet HTML 9Page - Maxim Integrated Products DS3232M Datasheet HTML 10Page - Maxim Integrated Products DS3232M Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
����������������������������������������������������������������� Maxim Integrated Products 7
DS3232M
±5ppm, I2C Real-Time Clock with SRAM
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
1Hz FREQUENCY ERROR
(MEASURED EVERY SECOND)
TIME (SECONDS)
-8
-6
-4
-2
0
2
4
6
8
10
-10
030
25
20
15
10
5
VCC = 3.3V,
TA = +25°C
1Hz FREQUENCY ERROR
(MEASURED EVERY SECOND)
TIME (MINUTES)
-8
-6
-4
-2
0
2
4
6
8
10
-10
030
25
20
15
10
5
VCC = 3.3V,
TA = +25°C
1Hz FREQUENCY ERROR
(DELTA FROM T0)
TIME (MINUTES)
030
25
20
15
10
5
VCC = 3.3V,
TA = +25°C
-4
-3
-2
-1
0
1
2
3
4
5
-5
1Hz FREQUENCY ERROR
(10s THERMAL UPDATES
MEASURED EVERY SECOND)
TIME (SECONDS)
-8
-6
-4
-2
0
2
4
6
8
10
-10
030
25
20
15
10
5
VBAT = 3.3V,
VCC = 0V,
TA = +25°C
1Hz FREQUENCY ERROR
(1s THERMAL UPDATES
MEASURED EVERY SECOND)
TIME (SECONDS)
-8
-6
-4
-2
0
2
4
6
8
10
-10
030
25
20
15
10
5
VBAT = 3.3V,
VCC = 0V,
TA = +25°C
TIMEKEEPING ACCURACY
vs. TEMPERATURE
TEMPERATURE (°C)
80
60
40
20
0
-20
-150
-100
-50
0
50
-200
-40
TYPICAL 20ppm
CRYSTAL,
UNCOMPENSATED
DS3232M ACCURACY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com