Electronic Components Datasheet Search
  English  ▼

X  

DS3232M Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS3232M
Description  ±5ppm, I2C Real-Time Clock with SRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3232M Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS3232M Datasheet HTML 1Page - Maxim Integrated Products DS3232M Datasheet HTML 2Page - Maxim Integrated Products DS3232M Datasheet HTML 3Page - Maxim Integrated Products DS3232M Datasheet HTML 4Page - Maxim Integrated Products DS3232M Datasheet HTML 5Page - Maxim Integrated Products DS3232M Datasheet HTML 6Page - Maxim Integrated Products DS3232M Datasheet HTML 7Page - Maxim Integrated Products DS3232M Datasheet HTML 8Page - Maxim Integrated Products DS3232M Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
DS3232M
±5ppm, I2C Real-Time Clock with SRAM
����������������������������������������������������������������� Maxim Integrated Products 1
General Description
The DS3232M is a low-cost, extremely accurate, I2C
real-time clock (RTC) with 236 bytes of battery-backed
SRAM. The device incorporates a battery input and
maintains accurate timekeeping when main power to the
device is interrupted. The integration of the microelec-
tromechanical systems (MEMS) resonator enhances the
long-term accuracy of the device and reduces the piece-
part count in a manufacturing line.
The RTC maintains seconds, minutes, hours, day, date,
month, and year information. The date at the end of the
month is automatically adjusted for months with fewer
than 31 days, including corrections for leap year. The
clock operates in either the 24-hour or 12-hour format
with an AM/PM indicator. Two programmable time-of-day
alarms and a 1Hz output are provided. Address and data
are transferred serially through an I2C bidirectional bus.
A precision temperature-compensated voltage reference
and comparator circuit monitors the status of VCC to
detect power failures, to provide a reset output, and to
automatically switch to the backup supply when neces-
sary. Additionally, the RST pin is monitored as a pushbut-
ton input for generating a microprocessor reset. See the
Block Diagram for more details.
Applications
Power Meters
Industrial Applications
Features
S
Timekeeping Accuracy ±5ppm (±0.432 Second/
Day) from -40NC to +85NC
S
236 Bytes of Battery-Backed User SRAM
S
Battery Backup for Continuous Timekeeping
S
Low Power Consumption
S
Functionally Compatible to DS3232
S
Complete Clock Calendar Functionality Including
Seconds, Minutes, Hours, Day, Date, Month, and
Year with Leap Year Compensation Up to Year
2100
S
Two Time-of-Day Alarms
S
1Hz and 32.768kHz Outputs
S
Reset Output and Pushbutton Input with
Debounce
S
Fast (400kHz) I2C-Compatible Serial Bus
S
+2.3V to +4.5V Supply Voltage
S
Digital Temp Sensor with ±3NC Accuracy
S
-40NC to +85NC Temperature Range
S
8-Pin SO (150 mils) Package
S
Underwriters Laboratories (UL) Recognized
Typical Operating Circuit
19-6247; Rev 0; 3/12
Ordering Information appears at end of data sheet.
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple revisions of any device may
be simultaneously available through various sales channels. For information about device errata, go to: www.maxim-ic.com/errata.
For related parts and recommended products to use with this part, refer to: www.maxim-ic.com/DS3232M.related
DS3232M
SCL
SDA
32KHZ
VBAT
VCC
VCC
CPU
I/O PORT
INTERRUPTS
INT/SQW
RST
PUSH-
BUTTON
RESET
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - DS3232M

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3232M MAXIM-DS3232M Datasheet
2Mb / 23P
±5ppm, I2C Real-Time Clock with SRAM
Rev 1; 8/12
DS3232M MAXIM-DS3232M Datasheet
1Mb / 23P
±5ppm, I2C Real-Time Clock with SRAM
Rev 2; 7/13
DS3232MZ+ MAXIM-DS3232MZ+ Datasheet
2Mb / 23P
±5ppm, I2C Real-Time Clock with SRAM
Rev 1; 8/12
DS3232MZ+ MAXIM-DS3232MZ+ Datasheet
1Mb / 23P
±5ppm, I2C Real-Time Clock with SRAM
Rev 2; 7/13
DS3232MZ+TRL MAXIM-DS3232MZ+TRL Datasheet
1Mb / 23P
±5ppm, I2C Real-Time Clock with SRAM
Rev 2; 7/13
More results

Similar Description - DS3232M

ManufacturerPart #DatasheetDescription
logo
Epson Company
RTC-4553 EPSON-RTC-4553 Datasheet
111Kb / 2P
Real time clock module(SERIAL-INTERFACE REAL TIME CLOCK MODULE WITH SRAM)
logo
Maxim Integrated Produc...
DS3231M MAXIM-DS3231M_11 Datasheet
1Mb / 20P
5ppm, I2C Real-Time Clock Battery Backup for Continuous Timekeeping
Rev 1; 5/11
DS3231M_1112 MAXIM-DS3231M_1112 Datasheet
1Mb / 20P
±5ppm, I2C Real-Time Clock
Rev 3; 12/11
DS3232M_V1 MAXIM-DS3232M_V1 Datasheet
2Mb / 23P
±5ppm, I2C Real-Time Clock with SRAM
Rev 1; 8/12
DS3231M MAXIM-DS3231M_12 Datasheet
1Mb / 20P
±5ppm, I2C Real-Time Clock
Rev 4; 9/12
logo
Microchip Technology
MCP7940M MICROCHIP-MCP7940M Datasheet
1,006Kb / 38P
Low-Cost I2C??Real-Time Clock/Calendar with SRAM
11/29/11
MCP79400 MICROCHIP-MCP79400_13 Datasheet
1Mb / 42P
I2C Real-Time Clock/Calendar with SRAM, Unique IDand Battery Switchover
11/29/11
MCP7940M-I MICROCHIP-MCP7940M-I Datasheet
1,006Kb / 38P
Low-Cost I2C??Real-Time Clock/Calendar with SRAM
11/29/11
logo
ARTSCHIP ELECTRONICS CO...
DS1307 ARTSCHIP-DS1307 Datasheet
249Kb / 14P
I2C Real-Time Clock
logo
Microchip Technology
MCP7940N MICROCHIP-MCP7940N_V01 Datasheet
727Kb / 58P
Battery-Backed I2C Real-Time Clock/Calendar with SRAM
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com