Electronic Components Datasheet Search
  English  ▼

X  

DS3232M Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS3232M
Description  ±5ppm, I2C Real-Time Clock with SRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3232M Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS3232M Datasheet HTML 5Page - Maxim Integrated Products DS3232M Datasheet HTML 6Page - Maxim Integrated Products DS3232M Datasheet HTML 7Page - Maxim Integrated Products DS3232M Datasheet HTML 8Page - Maxim Integrated Products DS3232M Datasheet HTML 9Page - Maxim Integrated Products DS3232M Datasheet HTML 10Page - Maxim Integrated Products DS3232M Datasheet HTML 11Page - Maxim Integrated Products DS3232M Datasheet HTML 12Page - Maxim Integrated Products DS3232M Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
����������������������������������������������������������������� Maxim Integrated Products 9
DS3232M
±5ppm, I2C Real-Time Clock with SRAM
Detailed Description
The DS3232M is a serial real-time clock (RTC) driven by
an internal, temperature-compensated, microelectrome-
chanical systems (MEMS) resonator. The oscillator pro-
vides a stable and accurate reference clock and main-
tains the RTC to within Q0.432 seconds-per-day accu-
racy from -40NC to +85NC. The RTC is a low-power clock/
calendar with two programmable time-of-day alarms. INT/
SQW provides either an interrupt signal due to alarm
conditions or a 1Hz square wave. The clock/calendar
provides seconds, minutes, hours, day, date, month, and
year information. The date at the end of the month is auto-
matically adjusted for months with fewer than 31 days,
including corrections for leap year. The clock operates in
either the 24-hour or 12-hour format with an AM/PM indi-
cator. The internal registers are accessible though an I2C
bus interface. A temperature-compensated voltage refer-
ence and comparator circuit monitors the level of VCC to
detect power failures and to automatically switch to the
backup supply when necessary. The RST pin provides
an external pushbutton function and acts as an indica-
tor of a power-fail event. Also available are 236 bytes of
general-purpose battery-backed SRAM.
Operation
The Block Diagram shows the device’s main elements.
Each of the major blocks is described separately in the
following sections.
Block Diagram
DS3232M
N
N
TIME-BASE
RESONATOR
TEMP
SENSOR
INTERRUPT
OR 1Hz
SELECT
DIVIDER
INT/SQW
1Hz
DIGITAL
ADJUSTMENT
FACTORY TRIM
N
32KHZ
GND
SDA
SCL
VBAT
VCC
RST
CLOCK/CALENDAR
WITH ALARM
CONTROL AND STATUS
REGISTERS
SRAM
I2C
INTERFACE
POWER
CONTROL*
P
*SELECTED
POWER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com