Electronic Components Datasheet Search
  English  ▼

X  

MAX5813 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX5813
Description  Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and I2C Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5813 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX5813 Datasheet HTML 9Page - Maxim Integrated Products MAX5813 Datasheet HTML 10Page - Maxim Integrated Products MAX5813 Datasheet HTML 11Page - Maxim Integrated Products MAX5813 Datasheet HTML 12Page - Maxim Integrated Products MAX5813 Datasheet HTML 13Page - Maxim Integrated Products MAX5813 Datasheet HTML 14Page - Maxim Integrated Products MAX5813 Datasheet HTML 15Page - Maxim Integrated Products MAX5813 Datasheet HTML 16Page - Maxim Integrated Products MAX5813 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered
Output DACs with Internal Reference and I2C Interface
MAX5813/MAX5814/MAX5815
 Maxim Integrated Products 13
Pin/Bump Description
Pin/Bump Configurations
PIN
BUMP
NAME
FUNCTION
TSSOP
WLP
1
B1
REF
Reference Voltage Input/Output
2
A1
OUTA
Buffered Channel A DAC Output
3
A2
OUTB
Buffered Channel B DAC Output
4
B2
GND
Ground
5
A3
OUTC
Buffered Channel C DAC Output
6
A4
OUTD
Buffered Channel D DAC Output
7
B4
VDD
Supply Voltage Input. Bypass VDD with a 0.1FF capacitor to GND.
8
—
ADDR1
I2C Interface Address Selection Bit 1
9
C4
ADDR0
I2C Interface Address Selection Bit 0
10
C3
SCL
I2C Interface Clock Input
11
C2
SDA
I2C Bidirectional Serial Data
12
C1
CLR
Active-Low Clear Input
13
B3
VDDIO
Digital Interface Power-Supply Input
14
—
LDAC
Load DAC. Active-low hardware load DAC input.
14
13
12
11
10
9
8
1
2
3
4
5
6
7
LDAC
VDDIO
CLR
SDA
GND
OUTB
OUTA
REF
TOP VIEW
MAX5813
MAX5814
MAX5815
SCL
ADDR0
ADDR1
VDD
OUTD
OUTC
TSSOP
+
WLP
TOP VIEW
ADDR0
CLR
VDD
REF
OUTD
OUTA
MAX5813/MAX5814/MAX5815
+
1
2
34
A
SDA
SCL
GND
VDDIO
OUTB
OUTC
B
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com