Electronic Components Datasheet Search
  English  ▼

X  

MAX5813 Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX5813
Description  Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and I2C Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5813 Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX5813 Datasheet HTML 14Page - Maxim Integrated Products MAX5813 Datasheet HTML 15Page - Maxim Integrated Products MAX5813 Datasheet HTML 16Page - Maxim Integrated Products MAX5813 Datasheet HTML 17Page - Maxim Integrated Products MAX5813 Datasheet HTML 18Page - Maxim Integrated Products MAX5813 Datasheet HTML 19Page - Maxim Integrated Products MAX5813 Datasheet HTML 20Page - Maxim Integrated Products MAX5813 Datasheet HTML 21Page - Maxim Integrated Products MAX5813 Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered
Output DACs with Internal Reference and I2C Interface
MAX5813/MAX5814/MAX5815
 Maxim Integrated Products 18
Figure 5. Multiple Register Write Sequence (Standard I2C Protocol)
Figure 6. Standard I2C Register Read Sequence
Combined Format I2C Readback Operations
Each readback sequence is framed by a START or
Repeated START condition and a STOP condition. Each
word is 8 bits long and is followed by an acknowledge
clock pulse as shown in Figure 6. The first byte contains
the address of the MAX5813/MAX5814/MAX5815 with
R/W = 0 to indicate a write. The second byte contains
the register that is to be read back. There is a Repeated
START condition, followed by the device address with
R/W = 1 to indicate a read and an acknowledge clock.
The master has control of the SCL line but the MAX5813/
MAX5814/MAX5815 take over the SDA line. The final two
bytes in the frame contain the register data readback
followed by a STOP condition. If additional bytes beyond
those required to readback the requested data are pro-
vided, the MAX5813/MAX5814/MAX5815 will continue to
readback ones.
Readback of individual CODE registers is supported for
the CODE command (B[23:20] = 0000). For this com-
mand, which supports a DAC address, the requested
channel CODE register content will be returned; if all
DACs are selected, CODEA content will be returned.
Readback of individual DAC registers is supported for
all LOAD commands (B[23:20] = 0001, 0010, or 0011).
For these commands, which support a DAC address, the
requested DAC register content will be returned. If all
DACs are selected, DACA content will be returned.
Modified readback of the POWER register is supported
for the POWER command (B[23:20] = 0100). The power
status of each DAC is reported in locations B[3:0], with a
1 indicating the DAC is powered down and a 0 indicating
the DAC is operational (see Table 3).
SCL
A
W
20 19 18 17
A
16
15 14 13 12 11 10 9A
8
START
SDA
WRITE ADDRESS
BYTE #1: I2C SLAVE ADDRESS*
WRITE COMMAND1
BYTE #2: COMMAND1 BYTE
(B[23:16])
WRITE DATA1
BYTE #3: DATA1 HIGH BYTE
(B[15:8])
21
0 0 1 A3 A2 A1 A0
22
23
STOP
7 6 5 4 3 2 1A
0
WRITE DATA1
BYTE #4: DATA1 LOW BYTE
(B[7:0])
20 19 18 17
A
16
15 14 13 12 11 10 9A
8
21
22
23
7 6 5 4 3 2 1A
0
ADDITIONAL COMMAND AND
DATA PAIRS (3 BYTE BLOCKS)
COMMAND1
EXECUTED
COMMANDn
EXECUTED
BYTE #5: COMMANDn BYTE
(B[23:16])
BYTE #6: DATAn HIGH BYTE
(B[15:8])
BYTE #7: DATAn LOW BYTE
(B[7:0])
*I2C SLAVE ADDRESS FOR THE TSSOP PACKAGE IS USED
ACK. GENERATED BY MAX5813/MAX5814/MAX5815
A
READ DATA
BYTE #4: DATA 1 HIGH
BYTE (B[15:8])
READ DATA
BYTE #5: DATA 1 LOW
BYTE (B[7:0])
REPEATED
START
READ ADDRESS
BYTE #3: I2C SLAVE
ADDRESS*
WRITE ADDRESS
BYTE #1: I2C SLAVE
ADDRESS*
WRITE COMMAND 1
BYTE #2: COMMAND 1
BYTE
*I2C SLAVE ADDRESS FOR THE TSSOP PACKAGE IS USED
ACK. GENERATED BY MAX5813/MAX5814/ MAX5815
ACK. GENERATED BY I2C MASTER
A
START
STOP
SCL
SDA
00 1A3A2A1A0W A
A
A
0 0N
0 01 A3 A2 A1 A0 RA D DDD DD DD
DDDDDDDD ~A
A
NN NNN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com