Electronic Components Datasheet Search
  English  ▼

X  

ALF100 Datasheet(PDF) 2 Page - Arch Electronics Corp.

Part # ALF100
Description  LED Power
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

ALF100 Datasheet(HTML) 2 Page - Arch Electronics Corp.

  ALF100 Datasheet HTML 1Page - Arch Electronics Corp. ALF100 Datasheet HTML 2Page - Arch Electronics Corp. ALF100 Datasheet HTML 3Page - Arch Electronics Corp. ALF100 Datasheet HTML 4Page - Arch Electronics Corp. ALF100 Datasheet HTML 5Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
VER : B_6
update : 2012.05.11
LED Power
ALF100 SERIES
100 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-2-
Model No.
ALF100-12S
ALF100-24S
ALF100-36S
ALF100-48S
ALF100-54S
Dimension (L x W x H)
6.44 x 2.79 x 1.50 Inches
(163.7 x 71.0 x 38.0 mm ) Tolerance
±0.5 mm
Weight
635 g
Physical
Cooling Method
Free air convection
Safety
Agency Approvals
EN61347-1:2008、 EN61347-2-13:2006
EMI
(Conducted & Radiated Emission)
EN 55015、Class B
EMC
EMS (Noise Immunity)
EN 61547
MECHANICAL DIMENSION
( Top View )
IP65 Design
IP67 Design
ASSEMBLY INSTRUCTIONS
*U Case
T=2.5mm
Customer screws into the length of the case no higher than 0.5mm
(Namely screw length for load plate thickness plus 3.0mm
1. All specifications valid at normal input voltage, full load and +25°C after warm-up time unless otherwise stated.
2. Ripple & Noise are measured at 20MHz of bandwidth with 0.1uF & 47uF parallel capacitor.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com