Electronic Components Datasheet Search
  English  ▼

X  

ALF100 Datasheet(PDF) 5 Page - Arch Electronics Corp.

Part # ALF100
Description  LED Power
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

ALF100 Datasheet(HTML) 5 Page - Arch Electronics Corp.

  ALF100 Datasheet HTML 1Page - Arch Electronics Corp. ALF100 Datasheet HTML 2Page - Arch Electronics Corp. ALF100 Datasheet HTML 3Page - Arch Electronics Corp. ALF100 Datasheet HTML 4Page - Arch Electronics Corp. ALF100 Datasheet HTML 5Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
VER : B_6
update : 2012.05.11
LED Power
ALF100 SERIES
100 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-5-
EFFICIENCY VERSUS LOAD
ALF100-48S
VIN
VS
Efficiency
LOAD
VS
Efficiency
Input Voltage (V)
90
115
180
230
264
Efficiency
(%)
89.15
90.83
92.09
92.01
91.42
Input Voltage (V)
277
305
Efficiency
(%)
91.25
91.25
Load (%)
0
10
20
30
40
50
115V (%)
0
71.89
81.99
85.76
87.48
88.59
230V (%)
0
61.76
75.28
80.88
84.90
87.04
Load (%)
60
70
80
90
100
115V (%)
89.48
90.16
90.40
90.73
90.85
230V (%)
88.77
89.95
90.66
91.27
92.01
70.00%
72.50%
75.00%
77.50%
80.00%
82.50%
85.00%
87.50%
90.00%
92.50%
95.00%
90V
115V
180V
230V
264V
277V
305V
VIN
0.00%
10.00%
20.00%
30.00%
40.00%
50.00%
60.00%
70.00%
80.00%
90.00%
100.00%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
LOAD
ALF100-54S
VIN
VS
Efficiency
LOAD
VS
Efficiency
Input Voltage (V)
90
115
180
230
264
Efficiency
(%)
89.11
91.04
92.56
92.82
92.73
Input Voltage (V)
277
305
Efficiency
(%)
92.58
92.22
Load (%)
0
10
20
30
40
50
115V (%)
0
67.86
77.81
84.01
86.71
%
88.96
230V (%)
0
58.78
73.10
81.29
84.94
87.15
Load (%)
60
70
80
90
100
115V (%)
89.80
90.32
90.75
91.12
91.04
230V (%)
89.06
90.30
91.60
92.93
92.82
70.00%
72.50%
75.00%
77.50%
80.00%
82.50%
85.00%
87.50%
90.00%
92.50%
95.00%
90V
115V
180V
230V
264V
277V
305V
VIN
0.00%
10.00%
20.00%
30.00%
40.00%
50.00%
60.00%
70.00%
80.00%
90.00%
100.00%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
LOAD



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com