Electronic Components Datasheet Search
  English  ▼

X  

ALF100 Datasheet(PDF) 4 Page - Arch Electronics Corp.

Part # ALF100
Description  LED Power
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

ALF100 Datasheet(HTML) 4 Page - Arch Electronics Corp.

  ALF100 Datasheet HTML 1Page - Arch Electronics Corp. ALF100 Datasheet HTML 2Page - Arch Electronics Corp. ALF100 Datasheet HTML 3Page - Arch Electronics Corp. ALF100 Datasheet HTML 4Page - Arch Electronics Corp. ALF100 Datasheet HTML 5Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
VER : B_6
update : 2012.05.11
LED Power
ALF100 SERIES
100 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-4-
EFFICIENCY VERSUS LOAD
ALF100-24S
VIN
VS
Efficiency
LOAD
VS
Efficiency
Input Voltage (V)
90
115
180
230
264
Efficiency
(%)
88.71
90.65
92.27
92.27
92.14
Input Voltage (V)
277
305
Efficiency
(%)
92.14
92.40
Load (%)
0
10
20
30
40
50
115V (%)
0
71.91
82.20
86.04
87.80
88.81
230V (%)
0
65.13
76.60
82.51
85.92
87.91
Load (%)
60
70
80
90
100
115V (%)
89.54
90.26
90.12
90.34
90.43
230V (%)
89.28
90.61
91.47
92.20
92.31
70.00%
72.50%
75.00%
77.50%
80.00%
82.50%
85.00%
87.50%
90.00%
92.50%
95.00%
90V
115V
180V
230V
264V
277V
305V
VIN
0.00%
10.00%
20.00%
30.00%
40.00%
50.00%
60.00%
70.00%
80.00%
90.00%
100.00%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
LOAD
ALF100-36S
VIN
VS
Efficiency
LOAD
VS
Efficiency
Input Voltage (V)
90
115
180
230
264
Efficiency
(%)
88.82
90.67
92.10
92.01
91.42
Input Voltage (V)
277
305
Efficiency
(%)
91.36
91.53
Load (%)
0
10
20
30
40
50
115V (%)
0
73.59
82.19
85.65
87.60
89.01
230V (%)
0
65.58
76.12
81.72
85.42
87.77
Load (%)
60
70
80
90
100
115V (%)
89.29
90.38
90.80
90.97
90.89
230V (%)
88.78
89.89
91.24
91.68
92.43
70.00%
72.50%
75.00%
77.50%
80.00%
82.50%
85.00%
87.50%
90.00%
92.50%
95.00%
90V
115V
180V
230V
264V
277V
305V
VIN
0.00%
10.00%
20.00%
30.00%
40.00%
50.00%
60.00%
70.00%
80.00%
90.00%
100.00%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
LOAD



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com