Electronic Components Datasheet Search
  English  ▼

X  

ANC50 Datasheet(PDF) 2 Page - Arch Electronics Corp.

Part # ANC50
Description  AC-DC Power Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

ANC50 Datasheet(HTML) 2 Page - Arch Electronics Corp.

  ANC50 Datasheet HTML 1Page - Arch Electronics Corp. ANC50 Datasheet HTML 2Page - Arch Electronics Corp. ANC50 Datasheet HTML 3Page - Arch Electronics Corp. ANC50 Datasheet HTML 4Page - Arch Electronics Corp. ANC50 Datasheet HTML 5Page - Arch Electronics Corp. ANC50 Datasheet HTML 6Page - Arch Electronics Corp. ANC50 Datasheet HTML 7Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
VER : A_1
update : 2012.01.20
AC-DC Power Module
ANC50 SERIES
50 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-2-
MECHANICAL DIMENSION
( Top View )
DERATING
BLOCK DIAGRAM
PIN#
SINGLE
1
FG
2
AC IN (N)
3
AC IN (L)
4
NO PIN
5
-DC OUT
6
NO PIN
7
+DC OUT
8
NO PIN



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com