Electronic Components Datasheet Search
  English  ▼

X  

ANC50 Datasheet(PDF) 5 Page - Arch Electronics Corp.

Part # ANC50
Description  AC-DC Power Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

ANC50 Datasheet(HTML) 5 Page - Arch Electronics Corp.

  ANC50 Datasheet HTML 1Page - Arch Electronics Corp. ANC50 Datasheet HTML 2Page - Arch Electronics Corp. ANC50 Datasheet HTML 3Page - Arch Electronics Corp. ANC50 Datasheet HTML 4Page - Arch Electronics Corp. ANC50 Datasheet HTML 5Page - Arch Electronics Corp. ANC50 Datasheet HTML 6Page - Arch Electronics Corp. ANC50 Datasheet HTML 7Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
VER : A_1
update : 2012.01.20
AC-DC Power Module
ANC50 SERIES
50 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-5-
EFFICIENCY VERSUS LOAD
ANC50-12S
VIN
VS
Efficiency
LOAD
VS
Efficiency
Input Voltage (V)
90
115
180
230
264
Efficiency
(%)
88.45
89.73
90.78
91.05
90.36
Load (%)
10
20
30
40
50
115V (%)
86.06
89.59
89.42
89.99
89.73
230V (%)
80.60
85.03
86.35
87.63
88.47
Load (%)
60
70
80
90
100
115V (%)
90.14
90.13
90.19
89.99
89.73
230V (%)
89.34
89.90
90.39
90.72
91.05
70.00%
72.50%
75.00%
77.50%
80.00%
82.50%
85.00%
87.50%
90.00%
92.50%
95.00%
90V
115V
180V
230V
264V
VIN
0.00%
10.00%
20.00%
30.00%
40.00%
50.00%
60.00%
70.00%
80.00%
90.00%
100.00%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
LOAD
ANC50-15S
VIN
VS
Efficiency
LOAD
VS
Efficiency
Input Voltage (V)
90
115
180
230
264
Efficiency
(%)
88.17
89.69
90.60
91.51
90.84
Load (%)
10
20
30
40
50
115V (%)
86.26
87.80
88.86
89.46
89.56
230V (%)
79.30
85.51
86.77
88.25
88.29
Load (%)
60
70
80
90
100
115V (%)
89.75
89.94
90.28
90.12
89.69
230V (%)
89.01
89.47
90.69
90.85
91.51
70.00%
72.50%
75.00%
77.50%
80.00%
82.50%
85.00%
87.50%
90.00%
92.50%
95.00%
90V
115V
180V
230V
264V
VIN
0.00%
10.00%
20.00%
30.00%
40.00%
50.00%
60.00%
70.00%
80.00%
90.00%
100.00%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
LOAD



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com