Electronic Components Datasheet Search
  English  ▼

X  

ANC50 Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # ANC50
Description  AC-DC Power Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

ANC50 Datasheet(HTML) 1 Page - Arch Electronics Corp.

  ANC50 Datasheet HTML 1Page - Arch Electronics Corp. ANC50 Datasheet HTML 2Page - Arch Electronics Corp. ANC50 Datasheet HTML 3Page - Arch Electronics Corp. ANC50 Datasheet HTML 4Page - Arch Electronics Corp. ANC50 Datasheet HTML 5Page - Arch Electronics Corp. ANC50 Datasheet HTML 6Page - Arch Electronics Corp. ANC50 Datasheet HTML 7Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
VER : A_1
update : 2012.01.20
AC-DC Power Module
ANC50 SERIES
50 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
Model No.
( Single Output )
ANC50-5S
ANC50-9S
ANC50-12S
ANC50-15S
ANC50-18S
ANC50-24S
ANC50-48S
Max Output Wattage (W)
40W
40W
50W
50W
50W
50W
50W
Voltage
90-264 VAC or 120-370 VDC
Frequency (Hz)
47-63 Hz
Current (Full load)
1100 mA max. (115 VAC) / 600 mA max. (230 VAC)
Inrush Current (<2ms)
30 A max. (115 VAC) / 50 A max. (230 VAC)
Leakage Current
0.75 mA max.
Input
External Fuse (recommend)
3.15 A slow blow type
Voltage (V.DC.)
5V
9V
12V
15V
18V
24V
48V
Voltage Accuracy
±2%
Current (mA) max
8000
4440
4167
3333
2780
2083
1040
Line Regulation (LL-HL) (typ.)
±1%
Load Regulation (5-100%) (typ.)
±1%
Minimum Load
0%
Maximum Capacitive Load
80000 uF
30000uF
20000 uF
18000 uF
10000uF
6000 uF
470uF
Ripple & Noise
100mV
100mV
120mV
150mV
180mV
240mV
480mV
Efficiency (at 230 VAC)
86%
89%
90%
90%
90%
89%
89%
Hold-up Time
12 ms min.
Output
Switching Frequency
40~75 kHz
Over Power Protection
Hiccup technique, auto-recovery
Over Voltage Protection
Zener diode clamp
Protection
Short Circuit Protection
Hiccup mode, indefinite (automatic recovery)
Input-Output (V.AC)
3000V
Input-FG (V.AC)
1500V
Isolation
Output-FG (V.AC)
500V
Operating Temperature
-25°C…+70°C (with derating)
Storage Temperature
-25°C…+85°C
Temperature Coefficient
±0.02%/°C
Humidity
95% RH
Environment
MTBF
>200,000 h @ 25°C (MIL-HDBK-217F)
Dimension (L x W x H)
2.91 x 2.13 x 0.87 Inches
( 74.0 x 54.0 x 22.0 mm ) Tolerance
±0.5 mm
Case Material
Plastic resin with Fiberglass (flammability to UL 94V-0)
Weight
158 g
Physical
Cooling Method
Free air convection
Safety
Agency Approvals
CE, UL/cUL
(Pending)
EMI (Conducted & Radiated Emission)
EN 55022
(Pending)
EMC
EMS (Noise Immunity)
EN 55024
(Pending)
KEY FEATURES
Switching Power Module for PCB Mountable
Fully Encapsulated Plastic Case
Regulated Output and Low Ripple and Noise
Small Size as ANC 15Watt with 50Watt Higher Power
Screw Terminal For Optional
CE, UL Approval (Pending)
3-Years Product Warranty
1.All specifications valid at normal input voltage, full load and +25°C after warm-up time unless otherwise stated.
2.Ripple & Noise are measured at 20MHz of bandwidth with 0.1UF & 47UF parallel capacitor.


Similar Part No. - ANC50

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
ANC50-12S ARCH-ANC50-12S Datasheet
132Kb / 2P
AC -DC PowerModule
ANC50-15S ARCH-ANC50-15S Datasheet
132Kb / 2P
AC -DC PowerModule
ANC50-24S ARCH-ANC50-24S Datasheet
132Kb / 2P
AC -DC PowerModule
ANC50-48S ARCH-ANC50-48S Datasheet
132Kb / 2P
AC -DC PowerModule
ANC50-5S ARCH-ANC50-5S Datasheet
132Kb / 2P
AC -DC PowerModule
More results

Similar Description - ANC50

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AFC ARCH-AFC Datasheet
495Kb / 5P
AC-DC Power Module
AFC20 ARCH-AFC20 Datasheet
507Kb / 5P
AC-DC Power Module
AFC-E1 ARCH-AFC-E1 Datasheet
495Kb / 5P
AC-DC Power Module
AOC ARCH-AOC Datasheet
117Kb / 3P
AC-DC Power Module
AEC60 ARCH-AEC60_12 Datasheet
321Kb / 3P
AC-DC Power Module
AHC08 ARCH-AHC08 Datasheet
216Kb / 4P
AC-DC Power Module
AHC-E1 ARCH-AHC-E1_12 Datasheet
273Kb / 3P
AC-DC Power Module
ANCA ARCH-ANCA Datasheet
323Kb / 4P
AC-DC Power Module
AHCN ARCH-AHCN Datasheet
152Kb / 2P
AC-DC Power Module
AHC-E1 ARCH-AHC-E1_16 Datasheet
121Kb / 2P
AC-DC Power Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com