Electronic Components Datasheet Search
  English  ▼

X  

MAX11665 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX11665
Description  500ksps, Low-Power,Serial 12-/10-/8-Bit ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11665 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX11665 Datasheet HTML 9Page - Maxim Integrated Products MAX11665 Datasheet HTML 10Page - Maxim Integrated Products MAX11665 Datasheet HTML 11Page - Maxim Integrated Products MAX11665 Datasheet HTML 12Page - Maxim Integrated Products MAX11665 Datasheet HTML 13Page - Maxim Integrated Products MAX11665 Datasheet HTML 14Page - Maxim Integrated Products MAX11665 Datasheet HTML 15Page - Maxim Integrated Products MAX11665 Datasheet HTML 16Page - Maxim Integrated Products MAX11665 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
______________________________________________________________________________________ 13
500ksps, Low-Power,
Serial 12-/10-/8-Bit ADCs
ELECTRICAL CHARACTERISTICS (MAX11661)
(VDD = 2.2V to 3.6V. fSCLK = 8MHz, 50% duty cycle, 500ksps. CDOUT = 10pF, TA = -40NC to +125NC, unless otherwise noted. Typical
values are at TA = +25NC.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC ACCURACY
Resolution
8
Bits
Integral Nonlinearity
INL
Q
0.25
LSB
Differential Nonlinearity
DNL
No missing codes
Q
0.25
LSB
Offset Error
OE
Q
0.45
Q
0.8
LSB
Gain Error
GE
Excluding offset and reference errors
Q
0.04
Q
0.5
LSB
Total Unadjusted Error
TUE
Q
0.75
LSB
DYNAMIC PERFORMANCE (fAIN = 250kHz)
Signal-to-Noise and Distortion
SINAD
49
49.5
dB
Signal-to-Noise Ratio
SNR
49
49.5
dB
Total Harmonic Distortion
THD
-70
-67
dB
Spurious-Free Dynamic Range
SFDR
63
66
dB
Intermodulation Distortion
IMD
f1 = 239.8kHz, f2 = 200.2kHz
-65
dB
Full-Power Bandwidth
-3dB point
40
MHz
Full-Linear Bandwidth
SINAD > 49dB
2.5
MHz
Small-Signal Bandwidth
45
MHz
CONVERSION RATE
Throughput
5
500
ksps
Conversion Time
1.56
F
s
Acquisition Time
tACQ
52
ns
Aperture Delay
From CS falling edge
4
ns
Aperture Jitter
15
ps
Serial-Clock Frequency
fCLK
0.08
8
MHz
ANALOG INPUT (AIN)
Input Voltage Range
VAIN
0
VDD
V
Input Leakage Current
IILA
0.002
Q
1
F
A
Input Capacitance
CAIN
Track
20
pF
Hold
4
DIGITAL INPUTS (SCLK, CS)
Digital Input High Voltage
VIH
0.75 x
VVDD
V
Digital Input Low Voltage
VIL
0.25 x
VVDD
V
Digital Input Hysteresis
VHYST
0.15
VVDD
V
Digital Input Leakage Current
IIL
Inputs at GND or VDD
0.001
Q
1
F
A
Digital Input Capacitance
CIN
2
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com