Electronic Components Datasheet Search
  English  ▼

X  

MAX11665 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX11665
Description  500ksps, Low-Power,Serial 12-/10-/8-Bit ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11665 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX11665 Datasheet HTML 1Page - Maxim Integrated Products MAX11665 Datasheet HTML 2Page - Maxim Integrated Products MAX11665 Datasheet HTML 3Page - Maxim Integrated Products MAX11665 Datasheet HTML 4Page - Maxim Integrated Products MAX11665 Datasheet HTML 5Page - Maxim Integrated Products MAX11665 Datasheet HTML 6Page - Maxim Integrated Products MAX11665 Datasheet HTML 7Page - Maxim Integrated Products MAX11665 Datasheet HTML 8Page - Maxim Integrated Products MAX11665 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4 ______________________________________________________________________________________
500ksps, Low-Power,
Serial 12-/10-/8-Bit ADCs
ELECTRICAL CHARACTERISTICS (MAX11666) (continued)
(VDD = 2.2V to 3.6V, VREF = VDD, VOVDD = VDD. fSCLK = 8MHz, 50% duty cycle, 500ksps. CDOUT = 10pF, TA = -40NC to +125NC,
unless otherwise noted. Typical values are at TA = +25NC.) (Note 1)
ELECTRICAL CHARACTERISTICS (MAX11665)
(VDD = 2.2V to 3.6V, fSCLK = 8MHz, 50% duty cycle, 500ksps, CDOUT = 10pF, TA = -40NC to +125NC, unless otherwise noted. Typical
values are at TA = +25NC.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY
Positive Supply Voltage
VDD
2.2
3.6
V
Digital I/O Supply Voltage
VOVDD
1.5
VDD
V
Positive Supply Current
(Full-Power Mode)
IVDD
VAIN_ = VGND
1.67
mA
IOVDD
VAIN_ = VGND
0.1
Positive Supply Current (Full-
Power Mode), No Clock
IVDD
1.5
mA
Power-Down Current
IPD
Leakage only
1.3
10
F
A
Line Rejection
VDD = 2.2V to 3.6V, VREF = 2.2V
0.7
LSB/V
TIMING CHARACTERISTICS (Note 2)
Quiet Time
tQ
(Note 3)
4
ns
CS Pulse Width
t1
(Note 3)
10
ns
CS Fall to SCLK Setup
t2
(Note 3)
5
ns
CS Falling Until DOUT High-
Impedance Disabled
t3
(Note 3)
1
ns
Data Access Time After SCLK
Falling Edge
t4
Figure 2, VOVDD = 2.2V to 3.6V
15
ns
Figure 2, VOVDD = 1.5V to 2.2V
16.5
SCLK Pulse Width Low
t5
Percentage of clock period (Note 3)
40
60
%
SCLK Pulse Width High
t6
Percentage of clock period (Note 3)
40
60
%
Data Hold Time From SCLK
Falling Edge
t7
Figure 3
5
ns
SCLK Falling Until DOUT High
Impedance
t8
Figure 4 (Note 3)
2.5
14
ns
Power-Up Time
Conversion cycle (Note 3)
1
Cycle
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC ACCURACY
Resolution
12
Bits
Integral Nonlinearity
INL
Q
1
LSB
Differential Nonlinearity
DNL
No missing codes
Q
1
LSB
Offset Error
OE
Q
1.5
Q
4
LSB
Gain Error
GE
Excluding offset and reference errors
Q
1
Q
3
LSB
Total Unadjusted Error
TUE
Q
1.5
LSB
DYNAMIC PERFORMANCE (fAIN = 250kHz)
Signal-to-Noise and Distortion
SINAD
70
72.5
dB
Signal-to-Noise Ratio
SNR
70.5
73
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com