Electronic Components Datasheet Search
  English  ▼

X  

MAX11665 Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # MAX11665
Description  500ksps, Low-Power,Serial 12-/10-/8-Bit ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11665 Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button MAX11665 Datasheet HTML 18Page - Maxim Integrated Products MAX11665 Datasheet HTML 19Page - Maxim Integrated Products MAX11665 Datasheet HTML 20Page - Maxim Integrated Products MAX11665 Datasheet HTML 21Page - Maxim Integrated Products MAX11665 Datasheet HTML 22Page - Maxim Integrated Products MAX11665 Datasheet HTML 23Page - Maxim Integrated Products MAX11665 Datasheet HTML 24Page - Maxim Integrated Products MAX11665 Datasheet HTML 25Page - Maxim Integrated Products MAX11665 Datasheet HTML 26Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
22 _____________________________________________________________________________________
500ksps, Low-Power,
Serial 12-/10-/8-Bit ADCs
To remain in normal mode, keep CS low until the falling
edge of the 10th SCLK cycle. Pulling CS high after the
10th SCLK falling edge keeps the part in normal mode.
However, pulling CS high before the 10th SCLK falling
edge terminates the conversion, DOUT goes into high-
impedance mode, and the device enters power-down
mode. See Figure 8.
Power-Down Mode
In power-down mode, all bias circuitry is shut down
drawing typically only 1.3FA of leakage current. To save
power, put the device in power-down mode between
conversions. Using the power-down mode between
conversions is ideal for saving power when sampling the
analog input infrequently.
Entering Power-Down Mode
To enter power-down mode, drive CS high between the
2nd and 10th falling edges of SCLK (see Figure 8). By
pulling CS high, the current conversion terminates and
DOUT enters high impedance.
Exiting Power-Down Mode
To exit power-down mode, implement one dummy con-
version by driving CS low for at least 10 clock cycles
(see Figure 9). The data on DOUT is invalid during this
dummy conversion. The first conversion following the
dummy cycle contains a valid conversion result.
The power-up time equals the duration of the dummy
cycle, and is dependent on the clock frequency. The
power-up time for 500ksps operation (8MHz SCLK) is 2Fs.
Figure 8. Entering Power-Down Mode
Figure 9. Exiting Power-Down Mode
Figure 10. ADC Transfer Function
12345678
910111213141516
HIGH
IMPEDANCE
INVALID
DATA
SCLK
CS
DOUT
INVALID DATA OR HIGH IMPEDANCE
HIGH IMPEDANCE
PULL CS HIGH AFTER THE 2ND AND BEFORE THE 10TH SCLK FALLING EDGE
12
34
56
78
910111213141516N
12
34
56
78
910111213141516
HIGH
IMPEDANCE
HIGH
IMPEDANCE
HIGH
IMPEDANCE
SCLK
CS
DOUT
INVALID DATA (DUMMY CONVERSION)
VALID DATA
FS - 1.5 x LSB
OUTPUT CODE
ANALOG
INPUT (LSB)
111...111
111...110
111...101
0
123
2n-2 2n-1 2n
000...000
000...001
000...010
FULL SCALE (FS):
AIN1/AIN2 = REF (TDFN, µMAX)
AIN = VDD (SOT23)
n = RESOLUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com