Electronic Components Datasheet Search
  English  ▼

X  

MAX14842 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX14842
Description  6-Channel, Digital Ground-Level Translator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14842 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX14842 Datasheet HTML 1Page - Maxim Integrated Products MAX14842 Datasheet HTML 2Page - Maxim Integrated Products MAX14842 Datasheet HTML 3Page - Maxim Integrated Products MAX14842 Datasheet HTML 4Page - Maxim Integrated Products MAX14842 Datasheet HTML 5Page - Maxim Integrated Products MAX14842 Datasheet HTML 6Page - Maxim Integrated Products MAX14842 Datasheet HTML 7Page - Maxim Integrated Products MAX14842 Datasheet HTML 8Page - Maxim Integrated Products MAX14842 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
_______________________________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
6-Channel, Digital Ground-Level Translator
19-5714; Rev 1; 3/11
Typical Operating Circuit
General Description
The MAX14842 translates digital signals between two
domains that have different ground references of up to
72V. The device features six communication channels,
two bidirectional and four unidirectional. Two of the four
unidirectional channels go in each direction. The device
is powered by two supply voltages that independently
define the logic levels of each ground domain.
The MAX14842 supports guaranteed data rates up to
30Mbps on the four unidirectional channels and up to
2Mbps on the two bidirectional channels. The bidirec-
tional channels have open-drain outputs, making them
suitable for I2C signals. I2C clock stretching and hot
swapping is supported on the bidirectional channels.
Undervoltage lockout ensures that the output pins have
a defined behavior during power-up, power-down, and
during supply transients. For proper operation, ensure
that 0V ≤ (VGNDB - VGNDA) ≤ 72V. Note that GNDB must
be greater than or equal to GNDA.
The MAX14842 is available in a 16-pin TQFN package
and is specified over the -40NC to +125NC automotive
temperature range.
Ordering Information
Features
S
Supports Ground Differences Up to 72V
S
Four Unidirectional Channels: Two In/Two Out
S
Two Bidirectional Channels
S
I2C Compatible
S
Supports I2C Clock Stretching
S
30Mbps Unidirectional Data Rates
S
2Mbps Bidirectional Data Rates
S
+3.3V to +5V Level Translation
S
Undervoltage Lockout
S
4mm x 4mm, 16-Pin TQFN Package
S
-40NC to +125NC Automotive Temperature Range
Applications
Telecommunication Systems
Battery Management
I2C, SMBusK, SPIK, and MICROWIREK Signals
Medical Systems
Power-Over-Ethernet
**EP = Exposed pad.
+Denotes a lead(Pb)-free/RoHS-compliant package.
SMBus is a trademark of Intel Corp.
SPI is a trademark of Motorola, Inc.
MICROWIRE is a trademark of National Semiconductor Corp.
EVALUATION
KIT
AVAILABLE
INA1
0.1µF5V
3.3V
OUTB1
INA2
OUTB2
OUTA1INB1
OUTA2INB2
I/OA1
RPUA
RPUB
VDDA
VDDB
I/OB1
MAX14842
RPUB
VDDB
I/OB2
I/OA2
FOR PROPER OPERATION: 0V
≤ (VGNDB - VGNDA) ≤ 72V
GPIO
CS
RST
IRQ
SDA
µC
SCL
RPUA
VDDA
WAKE
ADDR
UV
ALARM
SDA
PERIPHERAL
SCL
GNDA
GNDB
VDDA
VDDB
VGG
0.1µF
PART
TEMP RANGE
PIN-PACKAGE
MAX14842ATE+
-40NC to +125NC
16 TQFN-EP**


Similar Part No. - MAX14842

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1484 MAXIM-MAX1484 Datasheet
393Kb / 10P
Software-Selectable, Half-/Full-Duplex, Slew-Rate-Limited, 12Mbps, RS-485/RS-422 Transceivers in 關MAX Package
19-1312; Rev 1; 3/06
MAX14840E MAXIM-MAX14840E Datasheet
1Mb / 15P
40Mbps, 3.3V, RS-485 Half-Duplex Transceivers
Rev 0; 2/10
MAX14840EASA+ MAXIM-MAX14840EASA+ Datasheet
1Mb / 15P
40Mbps, 3.3V, RS-485 Half-Duplex Transceivers
Rev 0; 2/10
MAX14840EATA+ MAXIM-MAX14840EATA+ Datasheet
1Mb / 15P
40Mbps, 3.3V, RS-485 Half-Duplex Transceivers
Rev 0; 2/10
MAX14840E MAXIM-MAX14840E_15 Datasheet
997Kb / 16P
40Mbps, 3.3V, RS-485 Half-Duplex Transceivers
Rev 2; 7/15
More results

Similar Description - MAX14842

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3231 AD-ADG3231 Datasheet
173Kb / 8P
Low Voltage, Single-Channel Level Translator
REV.0
logo
Texas Instruments
LMK00306 TI1-LMK00306 Datasheet
1Mb / 25P
3-GHz 6-Output Differential Clock Buffer/Level Translator
LSF0101 TI1-LSF0101 Datasheet
1Mb / 39P
Channel Bidirectional Multi-Voltage Level Translator
TXB0106 TI1-TXB0106_15 Datasheet
1Mb / 28P
6-Bit Bidirectional Level-Shifting and Voltage Translator
PCA9306-Q1 TI1-PCA9306-Q1_16 Datasheet
972Kb / 23P
Voltage-Level Translator
LSF0108-Q1 TI1-LSF0108-Q1 Datasheet
1Mb / 24P
Automotive 8-Channel Multi-Voltage Level Translator
logo
Maxim Integrated Produc...
MAX14595 MAXIM-MAX14595 Datasheet
1Mb / 11P
Low-Power Dual-Channel Logic-Level Translator
Rev 0; 12/11
logo
Holt Integrated Circuit...
HI-8423 HOLTIC-HI-8423_13 Datasheet
64Kb / 6P
6-Channel / 8-Channel Discrete-to-Digital Interface Sensing Open / Ground Signals
logo
ON Semiconductor
FXLH1T45 ONSEMI-FXLH1T45 Datasheet
460Kb / 12P
Level Translator
March, 2019 ??Rev. 2
logo
Renesas Technology Corp
ISL3034E RENESAS-ISL3034E Datasheet
893Kb / 16P
6-Channel High Speed, Auto-Direction Sensing Logic Level Translator
Nov 7, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com