Electronic Components Datasheet Search
  English  ▼

X  

MAX14842 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX14842
Description  6-Channel, Digital Ground-Level Translator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14842 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX14842 Datasheet HTML 5Page - Maxim Integrated Products MAX14842 Datasheet HTML 6Page - Maxim Integrated Products MAX14842 Datasheet HTML 7Page - Maxim Integrated Products MAX14842 Datasheet HTML 8Page - Maxim Integrated Products MAX14842 Datasheet HTML 9Page - Maxim Integrated Products MAX14842 Datasheet HTML 10Page - Maxim Integrated Products MAX14842 Datasheet HTML 11Page - Maxim Integrated Products MAX14842 Datasheet HTML 12Page - Maxim Integrated Products MAX14842 Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
6-Channel, Digital Ground-Level Translator
11
Detailed Description
The MAX14842 provides both ground-level transla-
tion and logic-level shifting needed in systems where
there is a difference in ground references of up to 72V.
The device is powered by two supply voltages, VDDA
and VDDB, which independently set the logic levels on
either side of the device. VDDA and VDDB are sepa-
rately referenced to GNDA and GNDB, respectively. The
MAX14842 supports data rates of up to 30Mbps on each
of the four unidirectional channels and 2Mbps on the two
bidirectional channels.
Ground Translation/Level Shifting
For proper operation, ensure that 0V P (VGNDB - VGNDA)
P
72V. Note that GNDB must be greater than or equal to
GNDA.
Also ensure that 3.0V P (VDDA - VGNDA) P 5.5V and
3.0V P (VDDB - VGNDB) P 5.5V. (VDDA - VGNDA) can be
greater than or less than (VDDB - VGNDB), as long as
each is within the normal operating range.
Unidirectional Channels
The device features four unidirectional channels that can
each operate independently with a guaranteed data rate
of up to 30Mbps. The output driver of each unidirectional
channel is push-pull, eliminating the need for pullup
resistors. The drivers are also able to drive both TTL and
CMOS logic inputs.
Bidirectional Channels
The device features two bidirectional translation chan-
nels that have open-drain outputs. The bidirectional
channels do not require a direction input. A logic-low on
one side causes the corresponding pin on the other side
to be pulled low while avoiding data latching within the
translator. To prevent latching of the bidirectional chan-
nels, the input logic-low threshold (VIT) of I/OA1 and I/
OA2 is at least 50mV lower than the output logic-low volt-
ages (VOL) of I/OA1 and I/OA2. This prevents an output
logic-low on side A from being accepted as an input low
and subsequently transmitted to side B and vice versa.
The I/OA1, I/OA2, I/OB1, and I/OB2 pins have open-drain
outputs, requiring pullup resistors to their respective sup-
plies for logic-high outputs. The output low voltages are
guaranteed for sink currents of up to 30mA for side B and
10mA for side A (see the Electrical Characteristics table).
The bidirectional channels of the device support I2C
clock stretching.
Separate Ground References
The device is designed to translate logic signals to and
from domains with isolated and offset ground references.
Startup and Undervoltage Lockout
The VDDA and VDDB supplies are both internally moni-
tored for undervoltage conditions. Undervoltage events
can occur during power-up, power-down, or during
normal operation due to a slump in the supplies. When
an undervoltage event occurs on either of the supplies,
all outputs on both sides are automatically controlled,
regardless of the status of the inputs. The bidirectional
outputs become high impedance and are pulled high by
the external pullup resistor on the open-drain output. The
unidirectional outputs are pulled high internally to the
voltage of the VDDA or VDDB supply during undervoltage
conditions.
Functional Diagram
MAX14842
INA1
VDDA
VDDB
GNDA
GNDB
GROUND
REFERENCE
SHIFTER
INA2
OUTA1
OUTA2
I/OA1
I/OA2
OUTB1
OUTB2
INB1
INB2
I/OB1
I/OB2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com