Electronic Components Datasheet Search
  English  ▼

X  

MAX14842 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX14842
Description  6-Channel, Digital Ground-Level Translator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14842 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX14842 Datasheet HTML 1Page - Maxim Integrated Products MAX14842 Datasheet HTML 2Page - Maxim Integrated Products MAX14842 Datasheet HTML 3Page - Maxim Integrated Products MAX14842 Datasheet HTML 4Page - Maxim Integrated Products MAX14842 Datasheet HTML 5Page - Maxim Integrated Products MAX14842 Datasheet HTML 6Page - Maxim Integrated Products MAX14842 Datasheet HTML 7Page - Maxim Integrated Products MAX14842 Datasheet HTML 8Page - Maxim Integrated Products MAX14842 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
6-Channel, Digital Ground-Level Translator
2
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
VDDA to GNDA ........................................................-0.3V to +6V
VDDB to GNDB ........................................................-0.3V to +6V
GNDB to GNDA.....................................................-0.3V to +80V
INA1, INA2 to GNDA.............................. -0.3V to (VDDA + 0.3V)
INB1, INB2 to GNDB.............................. -0.3V to (VDDB + 0.3V)
OUTA1, OUTA2 to GNDA ...................... -0.3V to (VDDA + 0.3V)
OUTB1, OUTB2 to GNDB ...................... -0.3V to (VDDB + 0.3V)
I/OA1, I/OA2 to GNDA ............................................-0.3V to +6V
I/OB1, I/OB2 to GNDB ............................................-0.3V to +6V
Common-Mode Transients (i.e., Transients
Between GNDA and GNDB)......................................... 10V/Fs
Short-Circuit Duration (OUTA1, OUTA2 to GNDA;
OUTB1, OUTB2 to GNDB).....................................Continuous
Continuous Power Dissipation (TA = +70NC)
TQFN (derate 25mW/NC above +70NC) .....................2000mW
Operating Temperature Range........................ -40NC to +125NC
Junction Temperature .....................................................+150NC
Storage Temperature Range............................ -65NC to +150NC
Lead Temperature (soldering, 10s) ................................+300NC
Soldering Temperature (reflow) ......................................+260NC
ELECTRICAL CHARACTERISTICS
(VDDA - VGNDA = +3.0V to +5.5V, VDDB - VGNDB = +3.0V to +5.5V, VGNDB - VGNDA = 0 to +72V, TA = -40NC to +125NC, unless oth-
erwise noted. Typical values are at VDDA - VGNDA = +3.3V, VDDB - VGNDB = +3.3V, VGNDB - VGNDA = +50V, TA = +25NC.) (Note 2)
ABSOLUTE MAXIMUM RATINGS
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.
TQFN
Junction-to-Ambient Thermal Characteristics (
qJA) ....40°C/W
Junction-to-Case Thermal Characteristics (
qJC) ...........6°C/W
PACKAGE THERMAL CHARACTERISTICS (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
DC CHARACTERISTICS
Supply Voltage
VDDA
Relative to GNDA
3.0
5.5
V
VDDB
Relative to GNDB
3.0
5.5
Supply Current
IDDA
IDDB
VDDA - VGNDA = +5.5V; VDDB - VGNDB =
+5.5V; VGNDB - VGNDA = +70V; all inputs
at VGNDA, VGNDB, or +5.5V; no load
7.5
mA
Voltage Between GNDB and
GNDA
VGG
VGNDB - VGNDA
0
72
V
Side B Leakage Current
IL
1
mA
Undervoltage-Lockout Threshold
VUVLO
VDDA - VGNDA, VDDB - VGNDB
2
V
Undervoltage-Lockout Hysteresis VUVLOHYS VDDA - VGNDA, VDDB - VGNDB
0.1
V
LOGIC INPUTS AND OUTPUTS
Input Logic Threshold Voltage
VIT
I/OA1, I/OA2, relative to GNDA
0.5
0.7
V
Input Logic-High Voltage
VIH
INA1, INA2, relative to GNDA
0.7 x
VDDA
V
INB1, INB2, relative to GNDB
0.7 x
VDDB
I/OA1, I/OA2, relative to GNDA
0.7
I/OB1, I/OB2, relative to GNDB
0.7 x
VDDB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com