Electronic Components Datasheet Search
  English  ▼

X  

ILQ1 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # ILQ1
Description  PHOTOTRANSISTOR OPTOCOUPLER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

ILQ1 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  ILQ1 Datasheet HTML 1Page - Siemens Semiconductor Group ILQ1 Datasheet HTML 2Page - Siemens Semiconductor Group ILQ1 Datasheet HTML 3Page - Siemens Semiconductor Group ILQ1 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
5–1
FEATURES
• Current Transfer Ratio at IF=10 mA
ILD/Q1, 20% Min.
ILD/Q2, 100% Min.
ILD/Q5, 50% Min.
• High Collector-Emitter Voltage
ILD/Q1: BVCEO=50 V
ILD/Q2, ILD/Q5: BVCEO=70 V
• Field-Effect Stable by TRansparent IOn
Shield (TRIOS) Isolation Test Voltage, 5300
VACRMS
•
Underwriters Lab File #E52744
•
VDE 0884 Available with Option 1
Maximum Ratings (Each Channel)
Emitter
Reverse Voltage ................................................6 V
Forward Current ...........................................60 mA
Surge Current ................................................. 2.5 A
Power Dissipation.......................................100 mW
Derate Linearly from 25
°C..................... 1.3 mW/°C
Detector
Collector-Emitter Reverse Voltage
ILD/Q1 ........................................................... 50 V
ILD/Q2, ILD/Q5...............................................70 V
Collector Current .......................................... 50 mA
Collector Current (t<1 ms)...........................400 mA
Power Dissipation.......................................200 mW
Derate Linearly from 25
°C......................2.6 mW/°C
Package
Isolation Test Voltage (between
emitter and detector referred to
standard climate 23
°C/50%RH,
DIN 50014) .................................... 5300 VACRMS
Creepage ............................................... min. 7 mm
Clearance............................................... min. 7 mm
Isolation Resistance
VIO=500 V, TA=25°C ......................... RIO=10
12
Ω
VIO=500 V, TA=100°C ....................... RIO=10
11
Ω
Package Power Dissipation ...................... 250 mW
Derate Linearly from 25
°C..................... 3.3 mW/°C
Storage Temperature................... –40
°C to +150°C
Operating Temperature ................–40
°C to +100°C
Junction Temperature.................................... 100
°C
Soldering Temperature
(2 mm from case bottom) .......................... 260
°C
V
DE
DESCRIPTION
The ILD/Q1/2/5 are optically coupled isolated pairs employing GaAs infrared
LEDs and silicon NPN phototransistor. Signal information, including a DC
level, can be transmitted by the drive while maintaining a high degree of
electrical isolation between input and output. The ILD/Q1/2/5 are especially
designed for driving medium-speed logic and can be used to eliminate trou-
blesome ground loop and noise problems. Also these couplers can be
used to replace relays and transformers in many digital interface applica-
tions such as CRT modulation. The ILD1/2/5 has two isolated channels in a
single DIP package and the ILQ1/2/5 has four isolated channels per pack-
age.
See Appnote 45, “How to Use Optocoupler Normalized Curves.”
Dimensions in inches (mm)
.268 (6.81)
.255 (6.48)
.790 (20.07)
.779 (19.77 )
.045 (1.14)
.030 (.76)
.100 (2.54) Typ.
3
°–9°
.305 Typ.
(7.75) Typ.
.022 (.56)
.018 (.46)
.012 (.30)
.008 (.20)
.135 (3.43)
.115 (2.92)
Pin One I.D.
Pin One I.D.
.150 (3.81)
.130 (3.30)
.040 (1.02)
.030 (.76 )
.268 (6.81)
.255 (6.48)
3
4
6
5
.390 (9.91)
.379 (9.63)
.045 (1.14)
.030 (.76)
4
° Typ.
4
° Typ.
.100 (2.54) Typ.
10
° Typ.
10
° Typ.
3
°–9°
.305 Typ.
(7.75) Typ.
.022 (.56)
.018 (.46)
.012 (.30)
.008 (.20)
.135 (3.43)
.115 (2.92)
1
2
8
7
.150 (3.81)
.130 (3.30)
.040 (1.02)
.030 (.76 )
1
2
3
4
8
7
6
5
Emitter
Collector
Collector
Emitter
Anode
Cathode
Cathode
Anode
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
Emitter
Collector
Collector
Emitter
Emitter
Collector
Collector
Emitter
Anode
Cathode
Cathode
Anode
Anode
Cathode
Cathode
Anode
Quad Channel
Dual Channel
DUAL CHANNEL
ILD1/2/5
QUAD CHANNEL
ILQ1/2/5
PHOTOTRANSISTOR
OPTOCOUPLER


Similar Part No. - ILQ1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILQ1 VISHAY-ILQ1 Datasheet
164Kb / 9P
Optocoupler, Phototransistor Output (Dual, Quad Channel)
05-Nov-04
ILQ1 VISHAY-ILQ1 Datasheet
174Kb / 11P
Optocoupler, Phototransistor Output (Dual, Quad Channel)
20-Dec-07
logo
ISOCOM COMPONENTS
ILQ1 ISOCOM-ILQ1 Datasheet
87Kb / 3P
HIGH DENSITY PHOTOTRANSISTOR OPTICALLY
logo
Vishay Siliconix
ILQ1 VISHAY-ILQ1 Datasheet
200Kb / 11P
Optocoupler, Phototransistor Output (Dual, Quad Channel)
28-Jun-11
ILQ1 VISHAY-ILQ1 Datasheet
192Kb / 10P
Optocoupler, Phototransistor Output (Dual, Quad Channel)
10-Mar-2021
More results

Similar Description - ILQ1

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
MCT2 QT-MCT2 Datasheet
550Kb / 5P
PHOTOTRANSISTOR OPTOCOUPLER
MCT271 QT-MCT271 Datasheet
455Kb / 4P
PHOTOTRANSISTOR OPTOCOUPLER
logo
Siemens Semiconductor G...
IL1 SIEMENS-IL1 Datasheet
81Kb / 5P
PHOTOTRANSISTOR OPTOCOUPLER
IL74 SIEMENS-IL74 Datasheet
85Kb / 4P
PHOTOTRANSISTOR OPTOCOUPLER
ILD615 SIEMENS-ILD615 Datasheet
95Kb / 5P
PHOTOTRANSISTOR OPTOCOUPLER
SFH601G-1 SIEMENS-SFH601G-1 Datasheet
157Kb / 4P
PHOTOTRANSISTOR OPTOCOUPLER
logo
Microsemi Corporation
MXP1158 MICROSEMI-MXP1158 Datasheet
38Kb / 1P
Phototransistor Optocoupler
logo
General Semiconductor
MCT26 GE-MCT26 Datasheet
123Kb / 2P
PHOTOTRANSISTOR OPTOCOUPLER
logo
Fairchild Semiconductor
H11AG1SM FAIRCHILD-H11AG1SM Datasheet
277Kb / 10P
Phototransistor Optocoupler
logo
Vishay Siliconix
VOL628A VISHAY-VOL628A_18 Datasheet
220Kb / 9P
Optocoupler, Phototransistor Output, AC Input, Low Input Current, 4 Pin LSOP, Long Creepage Mini-Flat Package
09-Aug-2018
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com