Electronic Components Datasheet Search
  English  ▼

X  

ILQ1 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # ILQ1
Description  PHOTOTRANSISTOR OPTOCOUPLER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

ILQ1 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  ILQ1 Datasheet HTML 1Page - Siemens Semiconductor Group ILQ1 Datasheet HTML 2Page - Siemens Semiconductor Group ILQ1 Datasheet HTML 3Page - Siemens Semiconductor Group ILQ1 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
5–4
ILD/Q1/2/5
Figure 10. Collector-emitter current versus tempera-
ture and LED current
Figure 11. Collector-emitter leakage current versus
temperature
Figure 12. Propagation delay versus collector load
resistor
60
50
40
30
20
10
0
0
5
10
15
20
25
30
35
50
°C
70
°C
85
°C
IF - LED Current - mA
25
°C
100
80
60
40
20
0
-20
10 -2
10 -1
10 0
10 1
10 2
10 3
10 4
10 5
Ta - Ambient Temperature -
°C
TYPICAL
Vce = 10V
.1
1
10
100
1
10
100
1000
1.0
1.5
2.0
2.5
RL - Collector Load Resistor - K
Ω
tPLH
tPHL
Ta = 25
°C, IF = 10mA
Vcc = 5V, Vth = 1.5V
Figure 7. Normalized non-saturated and saturated
CTR at TA=50°C versus LED current
Figure 8. Normalized non-saturated and saturated
CTR at TA=70°C versus LED current
Figure 9. Normalized non-saturated and saturated
CTR at TA=85°C versus LED current
.1
1
10
100
0.0
0.5
1.0
1.5
NCTR(SAT)
NCTR
IF - LED Current - mA
Normalized to:
Vce = 10V, IF = 10mA, Ta = 25
°C
Ta = 50
°C
CTRce(sat) Vce = 0.4V
.1
1
10
100
0.0
0.5
1.0
1.5
NCTR(SAT)
NCTR
IF - LED Current - mA
Normalized to:
Vce = 10V, IF = 10mA
Ta = 25
°C
Ta = 70
°C
CTRce(sat) Vce = 0.4V
100
10
1
.1
0.0
0.5
1.0
1.5
NCTR(SAT)
NCTR
Normalized to:
Vce = 10V, IF = 10mA, Ta = 25
°C
Ta = 85
°C
CTRce(sat) Vce = 0.4V
IF - LED Current - mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com