Electronic Components Datasheet Search
  English  ▼

X  

5N80 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 5N80
Description  5A, 800V N-CHANNEL POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

5N80 Datasheet(HTML) 2 Page - Unisonic Technologies

  5N80 Datasheet HTML 1Page - Unisonic Technologies 5N80 Datasheet HTML 2Page - Unisonic Technologies 5N80 Datasheet HTML 3Page - Unisonic Technologies 5N80 Datasheet HTML 4Page - Unisonic Technologies 5N80 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
5N80
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R502-483.d
ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VGS=0
VDS
800
V
Gate-Source Voltage
VGS
±30
V
Drain-Gate Voltage
RGS=20kΩ
VDGR
800
V
Continuous
ID
5.5
A
Drain Current (Continuous)
Pulsed (Note 2)
IDM
20
A
Avalanche Energy
Single Pulsed (Note 3)
EAS
320
mJ
TO-220
125
Power Dissipation
TO-220F /TO-220F1
PD
40
W
TO-220
1
Derating Factor
TO-220F /TO-220F1
0.32
W/°C
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55~150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Pulse width limited by safe operating area.
3. Starting TJ=25°C, ID=IAR, VDD=50V
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
62.5
°C/W
TO-220
1
Junction to Case
TO-220F /TO-220F1
θJC
3.12
°C/W



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com