Electronic Components Datasheet Search
  English  ▼

X  

5N80 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 5N80
Description  5A, 800V N-CHANNEL POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

5N80 Datasheet(HTML) 1 Page - Unisonic Technologies

  5N80 Datasheet HTML 1Page - Unisonic Technologies 5N80 Datasheet HTML 2Page - Unisonic Technologies 5N80 Datasheet HTML 3Page - Unisonic Technologies 5N80 Datasheet HTML 4Page - Unisonic Technologies 5N80 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
5N80
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 5
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-483.d
5A, 800V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 5N80 is a N-channel enhancement mode power
MOSFET. It use UTC advanced technology to provide avalanche
rugged technology and low gate charge.
It can be applied in high current, high speed switching, switch
mode power supplies (SMPS), consumer and industrial lighting,
DC-AC inverters for welding equipment and uninterruptible power
supply(UPS).
FEATURES
* RDS(ON): 2.0Ω (TYP.)
* Avalanche rugged technology
* Low input capacitance
* Low gate charge
* Application oriented characterization
SYMBOL
1.Gate
3.Source
2.Drain
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
5N80L-TA3-T
5N80G-TA3-T
TO-220
G
D
S
Tube
5N80L-TF1-T
5N80G-TF1-T
TO-220F1
G
D
S
Tube
5N80L-TF3-T
5N80G-TF3-T
TO-220F
G
D
S
Tube
Note: Pin Assignment: G: Gate D: Drain S: Source


Similar Part No. - 5N80

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
5N80 UTC-5N80 Datasheet
171Kb / 5P
5 Amps, 800 Volts N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
5N80 ISC-5N80 Datasheet
65Kb / 2P
Fast Switching Speed
5N80 ISC-5N80 Datasheet
320Kb / 2P
isc N-Channel MOSFET Transistor
logo
Unisonic Technologies
5N80G-TA3-T UTC-5N80G-TA3-T Datasheet
171Kb / 5P
5 Amps, 800 Volts N-CHANNEL POWER MOSFET
5N80G-TA3-T UTC-5N80G-TA3-T Datasheet
248Kb / 7P
N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
More results

Similar Description - 5N80

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB5NB80 STMICROELECTRONICS-STB5NB80 Datasheet
87Kb / 8P
N - CHANNEL 800V - 1.8ohm - 5A -D2PAK PowerMESH] MOSFET
Mar-1999
logo
Unisonic Technologies
10N80 UTC-10N80 Datasheet
199Kb / 6P
800V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM3N80 TSC-TSM3N80 Datasheet
526Kb / 12P
800V N-Channel Power MOSFET
TSM8N80 TSC-TSM8N80 Datasheet
406Kb / 10P
800V N-Channel Power MOSFET
TSM3N80 TSC-TSM3N80_13 Datasheet
573Kb / 12P
800V N-Channel Power MOSFET
TSM10N80 TSC-TSM10N80 Datasheet
497Kb / 10P
800V N-Channel Power MOSFET
logo
Rohm
R8005ANJ ROHM-R8005ANJ Datasheet
995Kb / 14P
Nch 800V 5A Power MOSFET
logo
Taiwan Semiconductor Co...
TSM10N80 TSC-TSM10N80_14 Datasheet
417Kb / 8P
800V N-Channel Power MOSFET
logo
Rohm
R8005ANX ROHM-R8005ANX Datasheet
901Kb / 15P
Nch 800V 5A Power MOSFET
R8005ANJFRG ROHM-R8005ANJFRG Datasheet
1Mb / 14P
Nch 800V 5A Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com