Electronic Components Datasheet Search
  English  ▼

X  

LD261 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # LD261
Description  GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LD261 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  LD261 Datasheet HTML 1Page - Siemens Semiconductor Group LD261 Datasheet HTML 2Page - Siemens Semiconductor Group LD261 Datasheet HTML 3Page - Siemens Semiconductor Group LD261 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Semiconductor Group
1
1997-11-01
GaAs-IR-Lumineszenzdiode
GaAs Infrared Emitter
Wesentliche Merkmale
q
GaAs-IR-Lumineszenzdiode, hergestellt im
Schmelzepitaxieverfahren
q
Hohe Zuverlässigkeit
q
Gruppiert lieferbar
q
Gehäusegleich mit BPX 81
Anwendungen
q
Miniaturlichtschranken für Gleich- und
Wechsellichtbetrieb
q
Lochstreifenleser
q
Industrieelektronik
q
“Messen/Steuern/Regeln”
Features
q
GaAs infrared emitting diode, fabricated in a
liquid phase epitaxy process
q
High reliability
q
Available in bins
q
Same package as BPX 81
Applications
q
Miniature photointerrupters
q
Punched tape readers
q
Industrial electronics
q
For control and drive circuits
LD 261
Maße in mm, wenn nicht anders angegeben/Dimensions in mm, unless otherwise specified.
GEO06021
2.4
2.1
0.7
0.6
Collector (BPX 81)
Cathode (LD 261)
2.54 mm spacing
1.5
2.1
position
Chip
0.25
0.15
1.4
1.0
A
A
0.4
0.5
0.4
Radiant sensitive area
(0.4 x 0.4)
Approx. weight 0.03 g
Detaching area for tools, flash not true to size.
1)
5
...
0
Typ
Type
Bestellnummer
Ordering Code
Gehäuse
Package
LD 261
Q62703-Q395
Leiterbandgehäuse, klares Epoxy-Gießharz, linsenför-
mig im 2.54-mm-Raster (1/10’’), Kathodenkennzeich-
nung: Nase am Lötspieß
Lead frame, transparent epoxy resin lens, solder tabs
lead spacing 2.54 mm (1/10’’), cathode marking: projec-
tion at solder lead
LD 261-5
Q62703-Q67


Similar Part No. - LD261

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LD261 OSRAM-LD261 Datasheet
240Kb / 6P
GaAs Infrared Emitter
LD261-5/6 OSRAM-LD261-5/6 Datasheet
240Kb / 6P
GaAs Infrared Emitter
logo
Siemens Semiconductor G...
LD2614444 SIEMENS-LD2614444 Datasheet
98Kb / 2P
INFRARED EMITTER SINGLE AND ARRAYS
More results

Similar Description - LD261

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LD271 SIEMENS-LD271 Datasheet
41Kb / 5P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
LD274 SIEMENS-LD274 Datasheet
34Kb / 4P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
SFH400 SIEMENS-SFH400 Datasheet
64Kb / 7P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
SFH405 SIEMENS-SFH405 Datasheet
33Kb / 4P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
SFH420 SIEMENS-SFH420 Datasheet
48Kb / 5P
GaAs-IR-Lumineszenzdiode in SMT-Gehause GaAs Infrared Emitter in SMT Package
SFH495P SIEMENS-SFH495P Datasheet
43Kb / 4P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
logo
OSRAM GmbH
SFH4211 OSRAM-SFH4211 Datasheet
62Kb / 7P
GaAs-IR-Lumineszenzdiode in SMT-Gehause GaAs Infrared Emitter in SMT Package
LD242 OSRAM-LD242 Datasheet
209Kb / 7P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
SFH400 OSRAM-SFH400 Datasheet
231Kb / 8P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
SFH4511 OSRAM-SFH4511 Datasheet
228Kb / 8P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com