Electronic Components Datasheet Search
  English  ▼

X  

TDA2030 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # TDA2030
Description  14W HI-FI AUDIO AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA2030 Datasheet(HTML) 4 Page - Unisonic Technologies

  TDA2030 Datasheet HTML 1Page - Unisonic Technologies TDA2030 Datasheet HTML 2Page - Unisonic Technologies TDA2030 Datasheet HTML 3Page - Unisonic Technologies TDA2030 Datasheet HTML 4Page - Unisonic Technologies TDA2030 Datasheet HTML 5Page - Unisonic Technologies TDA2030 Datasheet HTML 6Page - Unisonic Technologies TDA2030 Datasheet HTML 7Page - Unisonic Technologies TDA2030 Datasheet HTML 8Page - Unisonic Technologies TDA2030 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TDA2030
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 13
www.unisonic.com.tw
QW-R107-004,D
TYPICAL CHARACTERISTICS
10
2
10
3
10
4
10
5
10
6
10
7
10
1
-60
-20
20
60
100
140
Phase
Gain
180
90
0
Fig.2 Open loop frequency response
24
28
32
36
40
44
24
4
8
12
16
20
RL=4
RL=8
Gv=26dB
d=0.5%
f=40 to 15kHz
Fig.3 Output power vs. Supply voltage
Fig.4 Total harmonic distortion
vs. output power
Fig.5 Two tone CCIF intermodulation
distortion
10
-1
10
0
10
1
10
2
10
-2
10
-2
10
-1
10
0
10
1
10
2
Vs=38V
RL=8
Vs=32V
RL=4
f=15kHz
f=1kHz
Gv=26dB
10
1
10
2
10
-2
10
-1
10
0
10
1
10
2
10
3
10
4
10
5
Order (2f1-f2)
Order (2f2-f1)
Vs=32V
PoUT=4W
RL=4
Gv=26dB
Fig.6 Large signal frequency response
Fig.7 Maximum allowable power
dissipation vs. ambient temperture
10
1
10
2
10
3
10
4
30
5
10
15
20
25
Vs=+-15V
RL=4
Vs=+-15V
RL=8
-50
0
50
100
150
200
30
5
10
15
20
25
he
ats
ink
ha
vin
g
R
th=
4°
C/W
hea
tsin
k h
avin
g
Rth
=8°
C/W
Ta (°C)
Frequency (kHz)
Po (W)
Frequency (Hz)
Vs (V)
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com