Electronic Components Datasheet Search
  English  ▼

X  

TDA2030 Datasheet(PDF) 7 Page - Unisonic Technologies

Part # TDA2030
Description  14W HI-FI AUDIO AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA2030 Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button TDA2030 Datasheet HTML 3Page - Unisonic Technologies TDA2030 Datasheet HTML 4Page - Unisonic Technologies TDA2030 Datasheet HTML 5Page - Unisonic Technologies TDA2030 Datasheet HTML 6Page - Unisonic Technologies TDA2030 Datasheet HTML 7Page - Unisonic Technologies TDA2030 Datasheet HTML 8Page - Unisonic Technologies TDA2030 Datasheet HTML 9Page - Unisonic Technologies TDA2030 Datasheet HTML 10Page - Unisonic Technologies TDA2030 Datasheet HTML 11Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TDA2030
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 13
www.unisonic.com.tw
QW-R107-004,D
TYPICAL AMPLIFIER WITH SPLIT POWER SUPPLY
1
2
3
5
4
Vi
+Vs
-Vs
C1
1 F
C2
22 F
C6
100 F
C4
100nF
C7
220nF
C3
100nF
C5
100 F
D1
1N4001
D2
1N4001
R3
22k
R1
22k
R5
C8
R4
1
RL
R3
680
BRIDGE AMPLIFIER WITH SPLIT POWER SUPPLY(POUT=34W,VS=16V, VS=-16V)
UTC TDA2030
UTC TDA2030
C1
2.2
F
C6
100 F
C7
100nF
1
2
3
5
4
1
2
3
4
5
C8
0.22
F
C4
22 F
C9
0. 22 F
C5
22 F
C3
100nF
C2
100 F
R2
22k
R5
22k
R6
680
R9
1
R8
1
R4
680
R3
22k
R7
22k
R1
22k
Vs+
Vs-
IN
RL
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com