Electronic Components Datasheet Search
  English  ▼

X  

TDA2030 Datasheet(PDF) 12 Page - Unisonic Technologies

Part # TDA2030
Description  14W HI-FI AUDIO AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA2030 Datasheet(HTML) 12 Page - Unisonic Technologies

Back Button TDA2030 Datasheet HTML 5Page - Unisonic Technologies TDA2030 Datasheet HTML 6Page - Unisonic Technologies TDA2030 Datasheet HTML 7Page - Unisonic Technologies TDA2030 Datasheet HTML 8Page - Unisonic Technologies TDA2030 Datasheet HTML 9Page - Unisonic Technologies TDA2030 Datasheet HTML 10Page - Unisonic Technologies TDA2030 Datasheet HTML 11Page - Unisonic Technologies TDA2030 Datasheet HTML 12Page - Unisonic Technologies TDA2030 Datasheet HTML 13Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
TDA2030
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
12 of 13
www.unisonic.com.tw
QW-R107-004,D
POWER SUPPLY
Using monolithic audio amplifier with non regulated supply correctly. In any working case it must provide a supply
voltage less than the maximum value fixed by the IC breakdown voltage.
It is essential to take into account all the working conditions, in particular mains fluctuations and supply voltage
variations with and without load. The UTC TDA2030 (Vsmax=44V) is particularly suitable for substitution of the
standard IC power amplifiers (with Vsmax=36V) for more reliable applications.
An example, using a simple full-wave rectifier followed by a capacitor filter, is shown in the table and in the diagram
of Fig.10.
A regulated supply is not usually used for the power output stages because of its dimensioning must be done
taking into account the power to supply in signal peaks. They are not only a small percentage of the total music
signal, with consequently large overdimensioning of the circuit.
Even if with a regulated supply higher output power can be obtained(Vs is constant in all working conditions),the
additional cost and power dissipation do not usually justify its use. using non-regulated supplies, there are fewer
designee restriction. In fact, when signal peaks are present, the capacitor filter acts as a flywheel supplying the
required energy.
In average conditions, the continuous power supplied is lower. The music power/continuous power ratio is greater
in case than for the case of regulated supplied, with space saving and cost reduction.
0
0.4
0.8
1.2
1.6
2.0
28
30
32
34
36
IOUT(A)
Fig.10 DC characteristics of 50W non-regulated supply
Vo
3300 F
220V
0
2
4
Ripple
Vout
DC Output Voltage(VOUT)
Mains(220V)
Secondary Voltage
IOUT =0
IOUT =0.1A
IOUT =1A
+20%
28.8V
43.2V
42V
37.5V
+15%
27.6V
41.4V
40.3V
35.8V
+10%
26.4V
39.6V
38.5V
34.2V
—
24V
36.2V
35V
31V
-10%
21.6V
32.4V
31.5V
27.8V
-15%
20.4V
30.6V
29.8V
26V
-20%
19.2V
28.8V
28V
24.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com