Electronic Components Datasheet Search
  English  ▼

X  

UT3458 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UT3458
Description  4.1 A, 60 V (D-S) N-CHANNEL POWER MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT3458 Datasheet(HTML) 2 Page - Unisonic Technologies

  UT3458 Datasheet HTML 1Page - Unisonic Technologies UT3458 Datasheet HTML 2Page - Unisonic Technologies UT3458 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UT3458
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R502-578.a
ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
TA=25°C
4.1
A
Continuous
(Note 2, 3)
TA=70°C
ID
3.2
A
Drain Current
Pulsed
IDM
15
A
Power Dissipation (Note 2, 3)
PD
2
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Surface Mounted on FR4 Board.
3. t≤5 sec
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient (Note 2)
θJA
62.5
°C/W



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com