Electronic Components Datasheet Search
  English  ▼

X  

UT3458 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT3458
Description  4.1 A, 60 V (D-S) N-CHANNEL POWER MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT3458 Datasheet(HTML) 1 Page - Unisonic Technologies

  UT3458 Datasheet HTML 1Page - Unisonic Technologies UT3458 Datasheet HTML 2Page - Unisonic Technologies UT3458 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT3458
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 3
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-578.a
4.1 A, 60 V (D-S) N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC UT3458 is N-channel enhancement mode power
MOSFET using UTC’s advanced technology to provide the
customers with perfect RDS(ON) and low gate charge. This device can
be operated with 4.5V low gate voltage.
FEATURES
* VDS=60V
* ID =4.1A
* RDS(ON)=0.1Ω @ VGS=10V,
RDS(ON)=0.128Ω @ VGS=4.5V
SYMBOL
SOT-26
1
2
3
4
5
6
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
4
5
6
Packing
UT3458L-AG6-R
UT3458L-AG6-R
SOT-26
D
D
G
S
D
D
Tape Reel
Note: Pin Assignment: G: Gate D: Drain
S: Source
MARKING


Similar Part No. - UT3458

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
UT3458 VBSEMI-UT3458 Datasheet
406Kb / 7P
N-Channel 60 V (D-S) MOSFET
logo
Unisonic Technologies
UT3458G-AG6-R UTC-UT3458G-AG6-R Datasheet
180Kb / 4P
N-CHANNEL JUNCTIN SILICON FET
UT3458 UTC-UT3458_15 Datasheet
180Kb / 4P
N-CHANNEL JUNCTIN SILICON FET
More results

Similar Description - UT3458

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2N7000 VISHAY-2N7000 Datasheet
51Kb / 5P
N-Channel 60-V (D-S) MOSFET
16-Jul-01
SI1026X VISHAY-SI1026X_08 Datasheet
113Kb / 5P
N-Channel 60-V (D-S) MOSFET
24-Mar-08
SUM90N06-5M5P VISHAY-SUM90N06-5M5P Datasheet
116Kb / 6P
N-Channel 60-V (D-S) MOSFET
03-Dec-07
SUP90N06-6M0P VISHAY-SUP90N06-6M0P Datasheet
115Kb / 6P
N-Channel 60-V (D-S) MOSFET
03-Dec-07
logo
Analog Power
AM3458N ANALOGPOWER-AM3458N Datasheet
372Kb / 5P
N-Channel 60-V (D-S) MOSFET
AM3962N ANALOGPOWER-AM3962N Datasheet
186Kb / 3P
N-Channel 60-V (D-S) MOSFET
AM4962NE ANALOGPOWER-AM4962NE Datasheet
226Kb / 5P
N-Channel 60-V (D-S) MOSFET
AM7460N ANALOGPOWER-AM7460N Datasheet
182Kb / 3P
N-Channel 60-V (D-S) MOSFET
logo
ON Semiconductor
NTD5C648NL ONSEMI-NTD5C648NL Datasheet
233Kb / 7P
MOSFET ??Power, Single, N-Channel 60 V, 4.1 m, 91 A
May, 2019??Rev.
FDPF041N06BL1-F154 ONSEMI-FDPF041N06BL1-F154 Datasheet
388Kb / 11P
MOSFET – N-Channel, POWERTRENCH 60 V, 77 A, 4.1 m
December, 2020 - Rev. 0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com