Electronic Components Datasheet Search
  English  ▼

X  

UT3458 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UT3458
Description  4.1 A, 60 V (D-S) N-CHANNEL POWER MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT3458 Datasheet(HTML) 3 Page - Unisonic Technologies

  UT3458 Datasheet HTML 1Page - Unisonic Technologies UT3458 Datasheet HTML 2Page - Unisonic Technologies UT3458 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
UT3458
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 3
www.unisonic.com.tw
QW-R502-578.a
ELECTRICAL CHARACTERISTICS (TJ=25°C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
60
V
Drain-Source Leakage Current
IDSS
VDS=48V, VGS=0V
1
µA
Forward
VGS=+20V, VDS=0V
+100 nA
Gate- Source Leakage Current
Reverse
IGSS
VGS=-20V, VDS=0V
-100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
1.5
3
V
VGS=10V, ID=3.2A
0.082 0.1
Ω
Static Drain-Source On-State Resistance
RDS(ON)
VGS=4.5V, ID=2.8A
0.105 0.128 Ω
On State Drain Current
ID(ON)
VGS=10V, VDS=5V
10
A
SWITCHING PARAMETERS
Input Capacitance
CISS
350
Output Capacitance
COSS
40
Reverse Transfer Capacitance
CRSS
VDS =30 V, VGS = 0V, f = 1MHz
20
PF
VDS=10V, VDS=48V, ID=3.2A
7.1
11
Total Gate Charge
QG
VDS=4.5V, VDS=48V, ID=3.2A
3.5
5.5
Gate to Source Charge
QGS
1.1
Gate to Drain Charge
QGD
VDS=4.5V, VDS=48V, ID=3.2A
0.95
nC
Turn-ON Delay Time
tD(ON)
16
25
Rise Time
tR
17
30
Turn-OFF Delay Time
tD(OFF)
12
20
Fall Time
tF
VDD=30V, ID≈2.5A, RL=12Ω,
VGEN=4.5V, RG=1Ω(Note 1, 2)
10
15
Turn-ON Delay Time
tD(ON)
5
10
Rise Time
tR
12
20
Turn-OFF Delay Time
tD(OFF)
18
30
Fall Time
tF
VDD=30V, ID≈2.5A, RL=12Ω,
VGEN=10V, RG=2.5Ω(Note 1, 2)
10
15
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous Current
IS
2.9
A
Maximum Body-Diode Pulsed Current
ISM
10
A
Drain-Source Diode Forward Voltage
VSD
IS=2.5A, VGS=0V
0.8
1.2
V
Body Diode Reverse Recovery Time
tRR
IF=2.5A, di/dt=100A/µs (Note 1)
25
50
ns
Notes: 1. Pulse Test: Pulse width ≤ 300µs, Duty cycle ≤ 2%
2. Guaranteed by design, not subject to production testing.
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com