Electronic Components Datasheet Search
  English  ▼

X  

OBTS949 Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # OBTS949
Description  Smart Lowside Power Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

OBTS949 Datasheet(HTML) 8 Page - Siemens Semiconductor Group

Back Button OBTS949 Datasheet HTML 3Page - Siemens Semiconductor Group OBTS949 Datasheet HTML 4Page - Siemens Semiconductor Group OBTS949 Datasheet HTML 5Page - Siemens Semiconductor Group OBTS949 Datasheet HTML 6Page - Siemens Semiconductor Group OBTS949 Datasheet HTML 7Page - Siemens Semiconductor Group OBTS949 Datasheet HTML 8Page - Siemens Semiconductor Group OBTS949 Datasheet HTML 9Page - Siemens Semiconductor Group OBTS949 Datasheet HTML 10Page - Siemens Semiconductor Group OBTS949 Datasheet HTML 11Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
14.07.1998
Semiconductor Group
Page 8
BTS 949
Typ. current limit versus RCC
ID(lim) = f(RCC); Tj=25°C
Parameter: VIN
10
-2
10
-1
10
0
10
1
10
2
10
4
Ω
RCC
0
25
50
75
100
125
150
175
200
A
250
ID
10V
5V
Typ. current sense characteristics
VCC = f(ID); VIN=10V
Parameter: RCC, Tj
0
10
20
30
40
50
A
65
ID
0
50
100
150
200
250
300
350
400
450
500
V
600
VCC
125°C
no Rcc
25°C
82 Ohm
47 Ohm
22 Ohm
Transient thermal impedance
ZthJC = f(tP)
Parameter: D=tP/T
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
2
s
tP
-4
10
-3
10
-2
10
-1
10
0
10
K/W
ZthJC
0
0.005
0.01
0.02
0.05
0.1
0.2
D=0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com