Electronic Components Datasheet Search
  English  ▼

X  

OBTS949 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # OBTS949
Description  Smart Lowside Power Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

OBTS949 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  OBTS949 Datasheet HTML 1Page - Siemens Semiconductor Group OBTS949 Datasheet HTML 2Page - Siemens Semiconductor Group OBTS949 Datasheet HTML 3Page - Siemens Semiconductor Group OBTS949 Datasheet HTML 4Page - Siemens Semiconductor Group OBTS949 Datasheet HTML 5Page - Siemens Semiconductor Group OBTS949 Datasheet HTML 6Page - Siemens Semiconductor Group OBTS949 Datasheet HTML 7Page - Siemens Semiconductor Group OBTS949 Datasheet HTML 8Page - Siemens Semiconductor Group OBTS949 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
14.07.1998
Semiconductor Group
Page 4
BTS 949
Electrical Characteristics
Parameter
Symbol
Values
Unit
at Tj=25°C, unless otherwise specified
min.
typ.
max.
Characteristics
Initial peak short circuit current limit
VIN = 10 V, VDS = 12 V
ID(SCp)
-
175
-
A
Current limit 1)
VIN = 10 V, VDS = 12 V, tm = 350 µs,
Tj = -40...+150 °C, without RCC
VIN = 10 V, VDS = 12 V, tm = 350 µs,
Tj = -40...+150 °C, RCC = 0 Ω
ID(lim)
9.5
150
19
220
40
270
Dynamic Characteristics
µs
ton
Turn-on time
VIN to 90% ID:
RL = 1 Ω, VIN = 0 to 10 V, Vbb = 12 V
40
100
-
Turn-off time
VIN to 10% ID:
RL = 1 Ω, VIN = 10 to 0 V, Vbb = 12 V
-
toff
70
170
V/µs
Slew rate on
70 to 50%
Vbb:
RL = 1 Ω, VIN = 0 to 10 V, Vbb = 12 V
-dVDS/dton
3
1
-
Slew rate off
50 to 70%
Vbb:
RL = 1 Ω, VIN = 10 to 0 V, Vbb = 12 V
1
3
dVDS/dtoff
-
Protection Functions
Tjt
°C
Thermal overload trip temperature
165
-
150
EAS
Unclamped single pulse inductive energy
ID = 19 A, Tj = 25 °C, Vbb = 32 V
ID = 19 A, Tj = 150 °C, Vbb = 32 V
-
-
-
-
6000
1800
mJ
Inverse Diode
VSD
Inverse diode forward voltage
IF = 5*19A, tm = 300 µs, VIN = 0 V
1,1
-
-
V
1Device switched on into existing short circuit (see diagram Determination of I D(lim). Dependant on the application, these values
might be exceeded for max. 50 µs in case of short circuit occurs while the device is on condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com