Electronic Components Datasheet Search
  English  ▼

X  

ELW136 Datasheet(PDF) 8 Page - Everlight Electronics Co., Ltd

Part # ELW136
Description  8 PIN DIP WIDE BODY HIGH SPEED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELW136 Datasheet(HTML) 8 Page - Everlight Electronics Co., Ltd

Back Button ELW136 Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELW136 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELW136 Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELW136 Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELW136 Datasheet HTML 8Page - Everlight Electronics Co., Ltd ELW136 Datasheet HTML 9Page - Everlight Electronics Co., Ltd ELW136 Datasheet HTML 10Page - Everlight Electronics Co., Ltd ELW136 Datasheet HTML 11Page - Everlight Electronics Co., Ltd ELW136 Datasheet HTML 12Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8 PIN DIP WIDE BODY HIGH SPEED
1Mbit/s TRANSISTOR PHOTOCOUPLER
Everlight Electronics Co., Ltd.
8
http://www.everlight.com
Document No
:DPC-0000108
Rev.1
August 2, 2011
ELW135 ELW136
ELW4503
Order Information
Part Number
ELW13XY(Z)-V
or
ELW4503Y(Z)-V
Note
X
= Part No. (X = 5 or 6)
Y
= Lead form option (S or none)
Z
= Tape and reel option (TA, TB or none)
V
= VDE (optional)
Option
Description
Packing quantity
None
Standard DIP-8
45 units per tube
M
Wide lead bend (0.4 inch spacing)
45 units per tube
S (TA)
Surface mount lead form + TA tape & reel option
1000 units per reel
S (TB)
Surface mount lead form + TB tape & reel option
1000 units per reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com