Electronic Components Datasheet Search
  English  ▼

X  

ELW136 Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # ELW136
Description  8 PIN DIP WIDE BODY HIGH SPEED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELW136 Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  ELW136 Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELW136 Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELW136 Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELW136 Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELW136 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELW136 Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELW136 Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELW136 Datasheet HTML 8Page - Everlight Electronics Co., Ltd ELW136 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
8 PIN DIP WIDE BODY HIGH SPEED
1Mbit/s TRANSISTOR PHOTOCOUPLER
Everlight Electronics Co., Ltd.
2
http://www.everlight.com
Document No
:DPC-0000108
Rev.1
August 2, 2011
ELW135 ELW136
ELW4503
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
25
mA
Peak forward current
(50% duty, 1ms P.W)
IFP
50
mA
Peak transient current
(≤1µs P.W,300pps)
IFtrans
1
A
Reverse voltage
VR
5
V
Power dissipation
PIN
45
mW
Output
Power dissipation
PO
100
mW
Emitter-Base reverse
voltage
ELW135
ELW136
VEBR
5
V
Base current
ELW135
ELW136
IB
5
mA
Average Output current
IO(AVG)
8
mA
Peak Output current
IO(PK)
16
mA
Output voltage
VO
-0.5 to 20
V
Supply voltage
VCC
-0.5 to 30
V
Isolation voltage
*1
VISO
5000
V rms
Operating temperature
TOPR
-55 ~ +100
°C
Storage temperature
TSTG
-55 ~ +125
°C
Soldering temperature
*2
TSOL
260
°C
Notes
*1 AC for 1 minute, R.H.= 40 ~ 60% R.H. In this test, pins 1, 2, 3, 4 are shorted together, and pins 5, 6, 7, 8
are shorted together.
*2 For 10 seconds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com