Electronic Components Datasheet Search
  English  ▼

X  

ELW136 Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # ELW136
Description  8 PIN DIP WIDE BODY HIGH SPEED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELW136 Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  ELW136 Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELW136 Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELW136 Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELW136 Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELW136 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELW136 Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELW136 Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELW136 Datasheet HTML 8Page - Everlight Electronics Co., Ltd ELW136 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
8 PIN DIP WIDE BODY HIGH SPEED
1Mbit/s TRANSISTOR PHOTOCOUPLER
Everlight Electronics Co., Ltd.
1
http://www.everlight.com
Document No
:DPC-0000108
Rev.1
August 2, 2011
ELW135 ELW136
ELW4503
5
6
7
8
1
2
3
4
Features
• High speed 1Mbit/s
• High isolation voltage between input
and output (Viso=5000 Vrms )
• Guaranteed performance from 0°C to 70°C
• Wide operating temperature range of -55°C to 100°C
• Pb free and RoHS compliant
• UL approved (No. 214129)
• VDE approved (No. 132249)
• SEMKO approved
• NEMKO approved
• DEMKO approved
• FIMKO approved
• CSA approved (No. 2037145)
Description
The ELW135, ELW136 and ELW4503 devices each consist
of an infrared emitting diode, optically coupled to a high speed
photo detector transistor. A separate connection for the
photodiode bias and output-transistor collector increase the
speed by several orders of magnitude over conventional
phototransistor couplers by reducing the base-collector
capacitance of the input transistor.
The devices are packaged in an 8-pin DIP wide body
package and available in wide-lead spacing and SMD
option.
Applications
• Line receivers
• Telecommunication equipments
• Power transistor isolation in motor drives
• Replacement for low speed phototransistor photo couplers
• Feedback loop in switch-mode power supplies
• Home appliances
• High speed logic ground isolation
Schematic
5
6
7
8
1
2
3
4
Pin Configuration
1. No Connection
2. Anode
3. Cathode
4. No Connection
5. Gnd
6. Vout
7. VB
8. VCC
Pin Configuration
1. No Connection
2. Anode
3. Cathode
4. No Connection
5. Gnd
6. Vout
7. No Connection
8. VCC
ELW135 / ELW136
ELW4503


Similar Part No. - ELW136

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELW136 EVERLIGHT-ELW136 Datasheet
703Kb / 13P
8 PIN DIP WIDE BODY HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
May 13, 2013
More results

Similar Description - ELW136

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC923L SHARP-PC923L Datasheet
322Kb / 18P
High Speed, Gate Drive DIP 8 pin OPIC Photocoupler
logo
Everlight Electronics C...
6N135 EVERLIGHT-6N135 Datasheet
981Kb / 14P
8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR
EL450X EVERLIGHT-EL450X Datasheet
981Kb / 14P
8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR
ELW137 EVERLIGHT-ELW137 Datasheet
577Kb / 14P
8 PIN DIP WIDE BODY HIGH SPEED
logo
ISOCOM COMPONENTS
ICPL4502 ISOCOM-ICPL4502_09 Datasheet
441Kb / 13P
8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
logo
Everlight Electronics C...
6N136M-V EVERLIGHT-6N136M-V Datasheet
1Mb / 13P
8 PIN DIP HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
May 13, 2013
logo
Fairchild Semiconductor
CNW138 FAIRCHILD-CNW138 Datasheet
126Kb / 8P
8-PIN WIDE BODY, HIGH-GAIN OPTOCOUPLERS
logo
Everlight Electronics C...
ELW135 EVERLIGHT-ELW135_13 Datasheet
703Kb / 13P
8 PIN DIP WIDE BODY HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
May 13, 2013
ELW137 EVERLIGHT-ELW137_13 Datasheet
715Kb / 14P
8 PIN DIP WIDE BODY HIGH SPEED 10MBit/s LOGIC GATE PHOTOCOUPLER
logo
ON Semiconductor
6N135M ONSEMI-6N135M Datasheet
522Kb / 16P
8-Pin DIP High Speed Transistor Optocouplers
September, 2021 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com