Electronic Components Datasheet Search
  English  ▼

X  

AD5686R Datasheet(PDF) 23 Page - Analog Devices

Part # AD5686R
Description  Quad 16-/14-/12-Bit nanoDAC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5686R Datasheet(HTML) 23 Page - Analog Devices

Back Button AD5686R Datasheet HTML 19Page - Analog Devices AD5686R Datasheet HTML 20Page - Analog Devices AD5686R Datasheet HTML 21Page - Analog Devices AD5686R Datasheet HTML 22Page - Analog Devices AD5686R Datasheet HTML 23Page - Analog Devices AD5686R Datasheet HTML 24Page - Analog Devices AD5686R Datasheet HTML 25Page - Analog Devices AD5686R Datasheet HTML 26Page - Analog Devices AD5686R Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
Data Sheet
AD5696R/AD5695R/AD5694R
Rev. 0 | Page 23 of 32
POWER-DOWN OPERATION
The AD5696R/AD5695R/AD5694R contain three separate
power-down modes. Command 0100 is designated for the power-
down function (see Table 7). These power-down modes are
software-programmable by setting eight bits, Bit DB7 to Bit DB0,
in the shift register. There are two bits associated with each DAC
channel. Table 10 shows how the state of the two bits corresponds
to the mode of operation of the device.
Table 10. Modes of Operation
Operating Mode
PDx1
PDx0
Normal Operation
0
0
Power-Down Modes
1 kΩ to GND
0
1
100 kΩ to GND
1
0
Three-State
1
1
Any or all DACs (DAC A to DAC D) can be powered down
to the selected mode by setting the corresponding bits. See
Table 11 for the contents of the input shift register during
the power-down/power-up operation.
When both Bit PDx1 and Bit PDx0 (where x is the channel
selected) in the input shift register are set to 0, the parts work
normally with its normal power consumption of 4 mA at 5 V.
However, for the three power-down modes, the supply current
falls to 4 μA at 5 V. Not only does the supply current fall, but the
output stage is also internally switched from the output of the
amplifier to a resistor network of known values. This has the
advantage that the output impedance of the part is known while
the part is in power-down mode. There are three different
power-down options. The output is connected internally to
GND through either a 1 kΩ or a 100 kΩ resistor, or it is left
open-circuited (three-state). The output stage is illustrated in
Figure 53.
Figure 53. Output Stage During Power-Down
The bias generator, output amplifier, resistor string, and other
associated linear circuitry are shut down when the power-down
mode is activated. However, the contents of the DAC register
are unaffected when in power-down. The DAC register can be
updated while the device is in power-down mode. The time
required to exit power-down is typically 4.5 µs for VDD = 5 V.
To reduce the current consumption further, the on-chip reference
can be powered off. See the Internal Reference Setup section.
Table 11. 24-Bit Input Shift Register Contents of Power-Down/Power-Up Operation1
DB23
DB22
DB21
DB20
DB19 to DB16
DB15
to
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
(LSB)
0
1
0
0
X
X
PDD1
PDD0
PDC1
PDC0
PDB1
PDB0
PDA1
PDA0
Command bits (C3 to C0)
Address bits
Don’t care
Power-Down
Select DAC D
Power-Down
Select DAC C
Power-Down
Select DAC B
Power-Down
Select DAC A
1
X = don’t care.
RESISTOR
NETWORK
VOUTX
DAC
POWER-DOWN
CIRCUITRY
AMPLIFIER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com