Electronic Components Datasheet Search
  English  ▼

X  

AD6672 Datasheet(PDF) 27 Page - Analog Devices

Part # AD6672
Description  IF Receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6672 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD6672 Datasheet HTML 23Page - Analog Devices AD6672 Datasheet HTML 24Page - Analog Devices AD6672 Datasheet HTML 25Page - Analog Devices AD6672 Datasheet HTML 26Page - Analog Devices AD6672 Datasheet HTML 27Page - Analog Devices AD6672 Datasheet HTML 28Page - Analog Devices AD6672 Datasheet HTML 29Page - Analog Devices AD6672 Datasheet HTML 30Page - Analog Devices AD6672 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
AD6672
Rev. 0 | Page 27 of 32
Addr
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
(Hex)
Default
Notes/
Comments
0x10
Offset adjust
Open
Open
Offset adjust in LSBs from +31 to −32
(twos complement format)
0x00
0x14
Output mode
Open
Open
Open
Output
enable bar
0 = on
1 = off
Open
Output
invert
0 = normal
(default)
1 =
inverted
Output format
00 = offset binary
01 = twos complement
(default)
10 = gray code
11 = reserved
0x01
Configures
the
outputs
and the
format of
the data.
0x15
Output adjust
Open
Open
Open
Open
LVDS output drive current adjust
0000 = 3.72 mA output drive current
0001 = 3.5 mA output drive current (default)
0010 = 3.30 mA output drive current
0011 = 2.96 mA output drive current
0100 = 2.82 mA output drive current
0101 = 2.57 mA output drive current
0110 = 2.27 mA output drive current
0111 = 2.0 mA output drive current (reduced range)
1000 to 1111 = reserved
0x01
0x16
Clock phase
control
Invert
DCO
clock
Open
Open
Open
Open
Open
Open
Open
0x00
0x17
DCO output
delay
Enable
DCO
clock
delay
Open
Open
DCO clock delay
[delay = (3100 ps × register value/31 +100)]
00000 = 100 ps
00001 = 200 ps
00010 = 300 ps
…
11110 = 3100 ps
11111 = 3200 ps
0x00
0x18
Input span
select
Open
Open
Open
Full-scale input voltage selection
01111 = 2.087 V p-p
…
00001 = 1.772 V p-p
00000 = 1.75 V p-p (default)
11111 = 1.727 V p-p
…
10000 = 1.383 V p-p
0x00
Full-scale
input
adjustment
in 0.022 V
steps.
0x19
User Test
Pattern 1 LSB
User Test Pattern 1[7:0]
0x00
0x1A
User Test
Pattern 1 MSB
User Test Pattern 1[15:8]
0x00
0x1B
User Test
Pattern 2 LSB
User Test Pattern 2[7:0]
0x00
0x1C
User Test
Pattern 2 MSB
User Test Pattern 2[15:8]
0x00
0x1D
User Test
Pattern 3 LSB
User Test Pattern 3[7:0]
0x00
0x1E
User Test
Pattern 3 MSB
User Test Pattern 3[15:8]
0x00
0x1F
User Test
Pattern 4 LSB
User Test Pattern 4[7:0]
0x00
0x20
User Test
Pattern 4 MSB
User Test Pattern 4[15:8]
0x00
0x24
BIST signature
LSB
BIST signature[7:0]
0x00
Read only.
0x25
BIST signature
MSB
BIST signature[15:8]
0x00
Read only.
Digital Feature Control Registers
0x3C
NSR control
Open
Open
Open
Open
NSR mode
000 = 22% bandwidth mode
001 = 33% bandwidth mode
NSR
enable
0 = off
1 = on
0x00
NSR
controls.
0x3E
NSR tuning
word
Open
Open
NSR tuning word
(see the Noise Shaping Requantizer section;
equations for the tuning word are dependent on the NSR mode)
0x1C
NSR fre-
quency
tuning
word.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com