Electronic Components Datasheet Search
  English  ▼

X  

AD9557 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9557
Description  Dual Input Multiservice
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9557 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9557 Datasheet HTML 5Page - Analog Devices AD9557 Datasheet HTML 6Page - Analog Devices AD9557 Datasheet HTML 7Page - Analog Devices AD9557 Datasheet HTML 8Page - Analog Devices AD9557 Datasheet HTML 9Page - Analog Devices AD9557 Datasheet HTML 10Page - Analog Devices AD9557 Datasheet HTML 11Page - Analog Devices AD9557 Datasheet HTML 12Page - Analog Devices AD9557 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 92 page
background image
Data Sheet
AD9557
Rev. A | Page 9 of 92
DISTRIBUTION CLOCK OUTPUTS
Table 10.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
HSTL MODE
Output Frequency
0.36
1250
MHz
Rise/Fall Time (20% to 80%)1
140
250
ps
100 Ω termination across output pins
Duty Cycle
Up to fOUT = 700 MHz
45
48
52
%
Up to fOUT = 750 MHz
42
48
53
%
Up to fOUT = 1250 MHz
43
%
Differential Output Voltage Swing
700
950
1200
mV
Magnitude of voltage across pins; output driver static
Common-Mode Output Voltage
700
870
960
mV
Output driver static
LVDS MODE
Output Frequency
0.36
1250
MHz
Rise/Fall Time (20% to 80%)1
185
280
ps
100 Ω termination across the output pair
Duty Cycle
Up to fOUT = 750 MHz
44
48
53
%
Up to fOUT = 800 MHz
43
47
53
%
Up to fOUT = 1250 MHz
43
%
Differential Output Voltage Swing
Balanced, VOD
247
454
mV
Voltage swing between output pins; output driver
static
Unbalanced, ΔVOD
50
mV
Absolute difference between voltage swing of
normal pin and inverted pin; output driver static
Offset Voltage
Common Mode, VOS
1.125
1.26
1.375
V
Output driver static
Common-Mode Difference, ΔVOS
50
mV
Voltage difference between pins; output driver static
Short-Circuit Output Current
13
24
mA
Output driver static
CMOS MODE
Output Frequency
1.8 V Supply
0.36
150
MHz
10 pF load
3.3 V Supply (OUT0)
Strong Drive Strength Setting
0.36
250
MHz
10 pF load
Weak Drive Strength Setting
0.36
25
MHz
10 pF load
Rise/Fall Time(20% to 80%)1
1.8 V Supply
1.5
3
ns
10 pF load
3.3 V Supply
Strong Drive Strength Setting
0.4
0.6
ns
10 pF load
Weak Drive Strength Setting
8
ns
10 pF load
Duty Cycle
1.8 V Mode
50
%
10 pF load
3.3 V Strong Mode
47
%
10 pF load
3.3 V Weak Mode
51
%
10 pF load
Output Voltage High (VOH)
Output driver static; strong drive strength
AVDD3 = 3.3 V, IOH = 10 mA
AVDD3 − 0.3
V
AVDD3 = 3.3 V, IOH = 1 mA
AVDD3 − 0.1
V
AVDD3 = 1.8 V, IOH = 1 mA
AVDD − 0.2
V
Output Voltage Low (VOL)
Output driver static; strong drive strength
AVDD3 = 3.3 V, IOL = 10 mA
0.3
V
AVDD3 = 3.3 V, IOL = 1 mA
0.1
V
AVDD3 = 1.8 V, IOL = 1 mA
0.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com