Electronic Components Datasheet Search
  English  ▼

X  

AD9557 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9557
Description  Dual Input Multiservice
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9557 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9557 Datasheet HTML 13Page - Analog Devices AD9557 Datasheet HTML 14Page - Analog Devices AD9557 Datasheet HTML 15Page - Analog Devices AD9557 Datasheet HTML 16Page - Analog Devices AD9557 Datasheet HTML 17Page - Analog Devices AD9557 Datasheet HTML 18Page - Analog Devices AD9557 Datasheet HTML 19Page - Analog Devices AD9557 Datasheet HTML 20Page - Analog Devices AD9557 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 92 page
background image
Data Sheet
AD9557
Rev. A | Page 17 of 92
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
NOTES
1. THE EXPOSED PAD MUST BE CONNECTED TO GROUND (VSS).
1
IRQ
2
SCLK/SCL
3
SDIO/SDA
4
SDO
5
CS
6
DVDD
7
AVDD
8
XOA
9
XOB
10
AVDD
23 AVDD
24 AVDD
25 RESET
26 PINCONTROL
27 SYNC
28 REFA
29 REFA
30 DVDD3
22 AVDD
21 LF_VCO2
TOP VIEW
(Not to Scale)
AD9557
Figure 2. Pin Configuration
Table 20. Pin Function Descriptions
Pin No.
Mnemonic
Input/
Output
Pin Type
Description
1
IRQ
O
3.3 V CMOS
Interrupt Request Line.
2
SCLK/SCL
I
3.3 V CMOS
Serial Programming Clock (SCLK) in SPI Mode. Data clock for serial programming.
Serial Clock Pin (SCL) in I2C Mode.
3
SDIO/SDA
I/O
3.3 V CMOS
Serial Data Input/Output (SDIO) in SPI Mode. When the device is in 4-wire SPI
mode, data is written via this pin. In 3-wire mode, both data reads and writes
occur on this pin. There is no internal pull-up/pull-down resistor on this pin.
Serial Data Pin (SDA) in I2C Mode.
4
SDO
O
3.3 V CMOS
Serial Data Output. Use this pin to read data in 4-wire mode. There is no internal
pull-up/pull-down resistor on this pin. This pin is high impedance in the default
3-wire mode.
5
CS
I
3.3 V CMOS
Chip Select (SPI), Active Low. When programming a device, this pin must be held
low. In systems where more than one AD9557 is present, this pin enables
individual programming of each AD9557. This pin has an internal 10 kΩ pull-up
resistor.
6, 34, 35
DVDD
I
Power
1.8 V Digital Supply.
7, 10, 22,
23, 24
AVDD
I
Power
1.8 V Analog Power Supply.
8
XOA
I
Differential
input
System Clock Input. XOA contains internal dc biasing and should be ac-coupled
with a 0.01 μF capacitor, except when using a crystal, in which case connect the
crystal across XOA and XOB. Single-ended 1.8 V CMOS is also an option but can
introduce a spur if the duty cycle is not 50%. When using XOA as a single-ended
input, connect a 0.01 μF capacitor from XOB to ground.
9
XOB
I
Differential
input
Complementary System Clock Input. Complementary signal to XOA. XOB contains
internal dc biasing and should be ac-coupled with a 0.01 μF capacitor, except
when using a crystal, in which case connect the crystal across XOA and XOB.
11, 17, 18
AVDD
I
Power
1.8 V Analog (Output Divider and Drivers) Power Supply.
12
OUT1
O
HSTL, LVDS, or
1.8 V CMOS
Complementary Output 1. This output can be configured as HSTL, LVDS, or
single-ended 1.8 V CMOS.
13
OUT1
O
HSTL, LVDS, or
1.8 V CMOS
Output 1. This output can be configured as HSTL, LVDS, or single-ended 1.8 V CMOS.
LVPECL levels can be achieved by ac coupling and using the Thevenin-equivalent
termination as described in the Input/Output Termination Recommendations
section.
14, 19
AVDD3
I
Power
3.3 V Analog Power Supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com