| Electronic Components Datasheet Search |
|
AD9557 Datasheet(PDF) 89 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9557 Datasheet(HTML) 89 Page - Analog Devices |
|
89 / 92 page ![]() Data Sheet AD9557 Rev. A | Page 89 of 92 Table 120. EEPROM Storage Sequence for Operational Control Settings Address Bits Bit Name Description 0x0E37 [7:0] Operational controls The default value of this register is 0x0D, which the controller interprets as a data instruction. Its decimal value is 13, so this tells the controller to transfer 14 bytes of data (13 + 1), beginning at the address specified by the next two bytes. The controller stores 0x0D in the EEPROM and increments the EEPROM address pointer. 0x0E38 [7:0] 0x0E39 [7:0] The default value of these two registers is 0x0A00. Note that Register 0x0E38 and Register 0x0E39 are the most significant and least significant bytes of the target address, respectively. Because the previous register contains a data instruction, these two registers define a starting address (in this case, 0x0A00). The controller stores 0x0A00 in the EEPROM and increments the EEPROM pointer by 2. It then transfers 14 bytes from the register map (beginning at Address 0x0A00) to the EEPROM and increments the EEPROM address pointer by 15 (14 data bytes and one checksum byte). The 14 bytes transferred correspond to the operational controls parameters in the register map. Table 121. EEPROM Storage Sequence for APLL Calibration Address Bits Bit Name Description 0x0E3A [7:0] Calibrate APLL The default value of this register is 0xA0, which the controller interprets as a calibrate instruction. The controller stores 0xA0 in the EEPROM and increments the EEPROM address pointer. 0x0E3B [7:0] I/O update The default value of this register is 0x80, which the controller interprets as an I/O update instruction. The controller stores 0x80 in the EEPROM and increments the EEPROM address pointer. Table 122. EEPROM Storage Sequence for End of Data Address Bits Bit Name Description 0x0E3C [7:0] End of data The default value of this register is 0xFF, which the controller interprets as an end instruction. The controller stores this instruction in the EEPROM, resets the EEPROM address pointer, and enters an idle state. Note that if this is a pause rather than an end instruction, the controller actions are the same except that the controller increments the EEPROM address pointer rather than resetting it. Table 123. Available for Additional EEPROM Instructions Address Bits Bit Name Description 0x0E3D to 0xE45 [7:0] Unused This area is available for additional EEPROM instructions. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |