Electronic Components Datasheet Search
  English  ▼

X  

AD9634 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9634
Description  12-Bit, 170 MSPS/210 MSPS/250 MSPS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9634 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9634 Datasheet HTML 8Page - Analog Devices AD9634 Datasheet HTML 9Page - Analog Devices AD9634 Datasheet HTML 10Page - Analog Devices AD9634 Datasheet HTML 11Page - Analog Devices AD9634 Datasheet HTML 12Page - Analog Devices AD9634 Datasheet HTML 13Page - Analog Devices AD9634 Datasheet HTML 14Page - Analog Devices AD9634 Datasheet HTML 15Page - Analog Devices AD9634 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
AD9634
Rev. 0 | Page 12 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD = 1.8 V, DRVDD = 1.8 V, sample rate = maximum sample rate per speed grade, DCS enabled, 1.75 V p-p differential input,
VIN = −1.0 dBFS, 32k sample, TA = 25°C, unless otherwise noted.
0
–140
–120
–100
–80
–60
–40
–20
080
70
60
50
40
30
20
10
SECOND
HARMONIC
THIRD
HARMONIC
FREQUENCY (MHz)
170MSPS
90.1MHz @ –1.0dBFS
SNR = 69.1dB (70.1dBFS)
SFDR = 93dBc
Figure 4. AD9634-170 Single-Tone FFT with fIN = 90.1 MHz
0
–140
–120
–100
–80
–60
–40
–20
080
70
60
50
40
30
20
10
SECOND
HARMONIC
THIRD
HARMONIC
FREQUENCY (MHz)
170MSPS
185.1MHz @ –1.0dBFS
SNR = 68.5dB (69.5dBFS)
SFDR = 86dBc
Figure 5. AD9634-170 Single-Tone FFT with fIN = 185.1 MHz
0
–140
–120
–100
–80
–60
–40
–20
080
70
60
50
40
30
20
10
SECOND
HARMONIC
THIRD
HARMONIC
FREQUENCY (MHz)
170MSPS
220.1MHz @ –1.0dBFS
SNR = 68.2dB (69.2dBFS)
SFDR = 84dBc
Figure 6. AD9634-170 Single-Tone FFT with fIN = 220.1 MHz
0
–140
–120
–100
–80
–60
–40
–20
08
70
60
50
40
30
20
10
0
SECOND
HARMONIC
THIRD
HARMONIC
FREQUENCY (MHz)
170MSPS
305.1MHz @ –1.0dBFS
SNR = 67.2dB (68.2dBFS)
SFDR = 86dBc
Figure 7. AD9634-170 Single-Tone FFT with fIN = 305.1 MHz
120
0
20
40
60
80
100
–100 –90
–80
–70
–60
–50
–40
–30
–20
–10
0
INPUT AMPLITUDE (dBFS)
SNR (dBFS)
SFDR (dBc)
SNR (dBc)
SFDR (dBFS)
Figure 8. AD9634-170 Single-Tone SNR/SFDR vs.
Input Amplitude (AIN) with fIN = 90.1 MHz, fS = 170 MSPS
100
95
90
85
80
75
70
65
60
60
90
120
150
180
210
240
270
300
330
INPUT FREQUENCY (MHz)
SNR (dBFS)
SFDR (dBc)
Figure 9. AD9634-170 Single-Tone SNR/SFDR vs. Input Frequency (fIN),
fS = 170 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com