Electronic Components Datasheet Search
  English  ▼

X  

AD7940 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7940
Description  16-Bit Lower Power
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7940 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7940 Datasheet HTML 2Page - Analog Devices AD7940 Datasheet HTML 3Page - Analog Devices AD7940 Datasheet HTML 4Page - Analog Devices AD7940 Datasheet HTML 5Page - Analog Devices AD7940 Datasheet HTML 6Page - Analog Devices AD7940 Datasheet HTML 7Page - Analog Devices AD7940 Datasheet HTML 8Page - Analog Devices AD7940 Datasheet HTML 9Page - Analog Devices AD7940 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD7988-1/AD7988-5
Data Sheet
Rev. B | Page 6 of 24
500µA
IOL
500µA
IOH
1.4V
TO SDO
CL
20pF
Figure 2. Load Circuit for Digital Interface Timing
X% VIO1
Y% VIO1
VIH2
VIL2
VIL2
VIH2
tDELAY
tDELAY
1
FOR VIO ≤ 3.0V, X = 90 AND Y = 10; FOR VIO > 3.0V X = 70, AND Y = 30.
2MINIMUM VIH AND MAXIMUM VIL USED. SEE DIGITAL INPUTS
SPECIFICATIONS IN TABLE 3.
Figure 3. Voltage Levels for Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com