Electronic Components Datasheet Search
  English  ▼

X  

AD7940 Datasheet(PDF) 15 Page - Analog Devices

Part # AD7940
Description  16-Bit Lower Power
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7940 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7940 Datasheet HTML 11Page - Analog Devices AD7940 Datasheet HTML 12Page - Analog Devices AD7940 Datasheet HTML 13Page - Analog Devices AD7940 Datasheet HTML 14Page - Analog Devices AD7940 Datasheet HTML 15Page - Analog Devices AD7940 Datasheet HTML 16Page - Analog Devices AD7940 Datasheet HTML 17Page - Analog Devices AD7940 Datasheet HTML 18Page - Analog Devices AD7940 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Data Sheet
AD7988-1/AD7988-5
Rev. B | Page 15 of 24
Transfer Functions
The ideal transfer characteristic for the AD7988-x is shown in
Figure 30 and Table 7.
000 ... 000
000 ... 001
000 ... 010
111 ... 101
111 ... 110
111 ... 111
–FSR
–FSR + 1LSB
–FSR + 0.5LSB
+FSR – 1 LSB
+FSR – 1.5 LSB
ANALOG INPUT
Figure 30. ADC Ideal Transfer Function
Table 7. Output Codes and Ideal Input Voltages
Analog Input
Description
VREF = 5 V
Digital Output Code (Hex)
FSR – 1 LSB
4.999924 V
FFFF1
Midscale + 1 LSB
2.500076 V
8001
Midscale
2.5 V
8000
Midscale – 1 LSB
2.499924 V
7FFF
–FSR + 1 LSB
76.3 µV
0001
–FSR
0 V
00002
1
This is also the code for an overranged analog input (VIN+ − VIN− above VREF − VGND).
2
This is also the code for an underranged analog input (VIN+ − VIN− below VGND).
TYPICAL CONNECTION DIAGRAM
Figure 31 shows an example of the recommended connection
diagram for the AD7988-x when multiple supplies are available.
AD7988-1/
AD7988-5
2.5V
V+
20Ω
V+
V–
0V TO VREF
1.8V TO 5.5V
100nF
10µF2
2.7nF
4
3
100nF
REF
IN+
IN–
VDD
VIO
GND
3- OR 4-WIRE INTERFACE5
REF1
1 SEE THE VOLTAGE REFERENCE INPUT SECTION FOR REFERENCE SELECTION.
2 CREF IS USUALLY A 10µF CERAMIC CAPACITOR (X5R).
3 SEE THE DRIVER AMPLIFIER CHOICE SECTION.
4 OPTIONAL FILTER. SEE THE ANALOG INPUTS SECTION.
5 SEE THE DIGITAL INTERFACE SECTION FOR THE MOST CONVENIENT INTERFACE MODE.
CNV
SCK
SDO
SDI
Figure 31. Typical Application Diagram with Multiple Supplies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com