Electronic Components Datasheet Search
  English  ▼

X  

AD7940 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7940
Description  16-Bit Lower Power
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7940 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7940 Datasheet HTML 8Page - Analog Devices AD7940 Datasheet HTML 9Page - Analog Devices AD7940 Datasheet HTML 10Page - Analog Devices AD7940 Datasheet HTML 11Page - Analog Devices AD7940 Datasheet HTML 12Page - Analog Devices AD7940 Datasheet HTML 13Page - Analog Devices AD7940 Datasheet HTML 14Page - Analog Devices AD7940 Datasheet HTML 15Page - Analog Devices AD7940 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD7988-1/AD7988-5
Data Sheet
Rev. B | Page 12 of 24
95
85
87
89
92
91
93
94
86
88
90
INPUT LEVEL (dB OF FULL SCALE)
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
Figure 18. SNR vs. Input Level
–95
–125
–110
–115
–105
–100
–120
115
85
100
95
105
110
90
REFERENCE VOLTAGE (V)
THD
SFDR
2.25
2.75
3.25
3.75
4.25
4.75
5.25
Figure 19. THD, SFDR vs. Reference Voltage
100
80
10
1k
FREQUENCY (kHz)
95
90
85
100
Figure 20. SINAD vs. Frequency
95
85
89
87
91
93
–55
125
TEMPERATURE (°C)
–35
–15
5
25
65
85
45
105
Figure 21. SNR vs. Temperature
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
VDD VOLTAGE (V)
IVDD
IREF
IVIO
2.375
2.425
2.475
2.525
2.575
2.625
Figure 22. Operating Currents vs. Supply (AD7988-5)
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0
VDD VOLTAGE (V)
IVDD
IREF
IVIO
2.375
2.425
2.475
2.525
2.575
2.625
Figure 23. Operating Currents vs. Supply (AD7988-1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com